Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S21100LSR3 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF5S21100LSR3
Description  The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S21100LSR3 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF5S21100LSR3 Datasheet HTML 2Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 3Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 4Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 5Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 6Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 7Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 8Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 9Page - Motorola, Inc MRF5S21100LSR3 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF5S21100LR3 MRF5S21100LSR3
6
MOTOROLA RF DEVICE DATA
η
0
40
1
−55
−15
Gps
ACPR
IM3
Pout, OUTPUT POWER (WATTS) AVG. W−CDMA
Figure 8. 2-Carrier W-CDMA ACPR, IM3, Power
Gain and Drain Efficiency versus Output Power
VDD = 28 Vdc, IDQ = 1050 mA
f1 = 2135 MHz, f2 = 2145 MHz
2x W−CDMA, 10 MHz @ 3.84 MHz Channel Bandwidth
Peak/Avg. = 8.5 dB @ 0.01% Probability (CCDF)
35
−20
30
−25
25
−30
20
−35
15
−40
10
−45
5
−50
10
Figure 9. 2-Carrier W-CDMA Spectrum
f, FREQUENCY (MHz)
−110
−120
−70
−20
−80
−60
−50
−90
−100
−40
−30
3.84 MHz
Channel BW
−IM3 @
3.84 MHz BW
+IM3 @
3.84 MHz BW
−ACPR @
3.84 MHz BW
+ACPR @
3.84 MHz BW
20
515
10
0
−5
−10
−15
−20
−25
25
10
0.0001
100
0
PEAK−TO−AVERAGE (dB)
Figure 10. CCDF W-CDMA 3GPP, Test Model 1,
64 DPCH, 67% Clipping, Single Carrier Test Signal
10
1
0.1
0.01
0.001
24
6
8
220
109
100
108
107
106
120
140
160
180
200
TJ, JUNCTION TEMPERATURE (_C)
Figure 11. MTBF Factor versus Junction
Temperature
This above graph displays calculated MTBF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTBF factor by ID2 for MTBF in a particular application.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF5S21100LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21100HR3 FREESCALE-MRF5S21100HR3 Datasheet
395Kb / 12P
   To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
MRF5S21100HSR3 FREESCALE-MRF5S21100HSR3 Datasheet
395Kb / 12P
   To be Used in class AB for PCN-PCS/cellularradio and WLL applications.
More results

Similar Description - MRF5S21100LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF6522-70R3 FREESCALE-MRF6522-70R3 Datasheet
510Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
620Kb / 12P
   The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com