Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2903A Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2903A
Description  Precision Quad Supply Monitor in 6-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2903A Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2903A Datasheet HTML 6Page - Linear Technology LTC2903A Datasheet HTML 7Page - Linear Technology LTC2903A Datasheet HTML 8Page - Linear Technology LTC2903A Datasheet HTML 9Page - Linear Technology LTC2903A Datasheet HTML 10Page - Linear Technology LTC2903A Datasheet HTML 11Page - Linear Technology LTC2903A Datasheet HTML 12Page - Linear Technology LTC2903A Datasheet HTML 13Page - Linear Technology LTC2903A Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC2903-1
29031f
APPLICATIO S I FOR ATIO
Power-Up
The LTC2903-1 issues a logic low on the RST output when
an input supply voltage resides below the prescribed
threshold voltage. Ideally, the RST logic output would
remain low with the input supply voltage down to zero
volts. Most supervisors lack pull-down capability below
1V. The LTC2903-1 power supply supervisors incorporate
a new low voltage pull-down circuit that can hold the RST
line low with as little as 200mV of input supply voltage on
V1, V2 or V3. The pull-down circuit helps maintain a low
impedance path to ground, reducing the risk of floating the
RST node to undetermined voltages. Such voltages may
trigger external logic causing erroneous reset operation(s).
Furthermore, a mid-scale voltage could cause external
circuits to operate in the middle of their voltage transfer
characteristic, consuming more quiescent current than
normal. These conditions could cause serious system
reliability problems.
When V1, V2 and V3 are ramped simultaneously, the reset
pull-down current increases up to three times the current
that may be pulled with a single input. Figure 1 demon-
strates the reset pin current sinking ability for single
supply and triple supply-tracking applications. Figure 2
shows a detailed view of the reset pin voltage with a 10k
pull-up resistor to V1.
The LTC2903-1 supervisors derive their internal supply
voltage (VCC) automatically from the greater voltage on the
V1 and V2 inputs. With all supply inputs above threshold,
the quiescent current drawn from VCC is 20µA (typ).
Supply Monitoring
The LTC2903-1 accurately monitors four inputs in a small
6-lead SOT-23 package. The low voltage reset output
includes an integrated 200ms reset delay timer. The reset
line pulls high 200ms after all voltage inputs exceed their
respective thresholds. The reset output remains low dur-
ing power-up, power-down and brownout conditions on
any of the voltage inputs.
For applications requiring an adjustable trip threshold, use
the V4 input on the LTC2903-A1. Connect the tap point on
an external resistive divider (R1, R2) placed between the
positive voltage being sensed and ground, to the high
impedance input on V4. The LTC2903-A1 compares the
voltage on the V4 pin to the internal 0.5V reference.
Figure 3 shows a generic setup for the positive adjustable
application.
Figure 3. Setting the Positive Adjustable Trip Point
VCC (V)
10
1000
10000
0
0.8
1.2
29031 F01
1
0.4
0.2
1.0
0.6
100
V1 = V2 = V3
V1 ONLY
TA = 25°C
VRST = 0.3VCC
Figure 1. RST Pull-Down Current vs VCC
V1 (V)
0
0
0.1
0.3
0.4
0.5
0.7
0.1
0.5
0.7
39031 F02
0.2
0.6
0.4
0.9 1.0
0.2 0.3
0.6
0.8
TA = 25°C
V1 ONLY
COMPETITION
PART
V1 = V2 = V3
+
0.5V
29031 F03
V4
VTRIP
R1
1%
LTC2903-A1
R2
1%
+
Figure 2. RST Output Voltage with a 10k Pull-Up to V1
(Enlarged Area of Detail)


Similar Part No. - LTC2903A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2903 LINER-LTC2903 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2903 LINER-LTC2903 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2903 LINER-LTC2903 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
LTC2903-1 LINER-LTC2903-1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2903A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Linear Technology
LTC1985-1.8 LINER-LTC1985-1.8 Datasheet
140Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
LTC1985-1.8 LINER-LTC1985-1.8_15 Datasheet
146Kb / 8P
   Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
logo
Linear Technology
LTC1727 LINER-LTC1727 Datasheet
188Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
LTC1727 LINER-LTC1727_15 Datasheet
203Kb / 16P
   Micropower Precision Triple Supply Monitors in 8-Lead MSOP and 5-Lead SOT-23 Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com