Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N917 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # 2N917
Description  NPN SILICON PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N917 Datasheet(HTML) 3 Page - Continental Device India Limited

  2N917 Datasheet HTML 1Page - Continental Device India Limited 2N917 Datasheet HTML 2Page - Continental Device India Limited 2N917 Datasheet HTML 3Page - Continental Device India Limited 2N917 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N917
TO-72
Metal Can Package
TO-72 Metal Can Package
1
2
3
4
A
D
F
1
2
3
4
J
H
L
B
DIM
MIN.
MAX.
A
5.24
5.84
B
4.52
4.95
C
4.31
5.33
D
0.40
0.53
E
0.76
F
1.14
1.39
G
2.28
2.97
H
0.91
1.17
J
0.71
1.22
K
12.70
L
12 DEG 48 DEG
PIN CONFIGURATION
1. EMITTER
2. BASE
3. COLLECTOR
4. CASE
1 K/Polybag
325 gm/1K pcs
3" x 7.5" x 7.5"
5K
17" x 15" x 13.5"
80K
32 kgs
TO-72
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 4


Similar Part No. - 2N917

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N917 CENTRAL-2N917 Datasheet
61Kb / 1P
   Small Signal NPN Transistors / Dual Transistors
logo
New Jersey Semi-Conduct...
2N917 NJSEMI-2N917 Datasheet
127Kb / 1P
   General Purpose Diodes
2N917 NJSEMI-2N917 Datasheet
127Kb / 1P
   Electrical characterlitics
logo
List of Unclassifed Man...
2N917 ETC1-2N917 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Central Semiconductor C...
2N917A CENTRAL-2N917A Datasheet
61Kb / 1P
   Small Signal NPN Transistors / Dual Transistors
More results

Similar Description - 2N917

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
KSC5402D FAIRCHILD-KSC5402D_09 Datasheet
225Kb / 10P
   NPN Silicon Transistor, Planar Silicon Transistor
FJN13003 FAIRCHILD-FJN13003 Datasheet
49Kb / 5P
   NPN Silicon Transistor Planar Silicon Transistor
KSC5603DTU FAIRCHILD-KSC5603DTU Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
Continental Device Indi...
BF370R CDIL-BF370R Datasheet
106Kb / 3P
   NPN SILICON PLANAR TRANSISTOR
CJD86 CDIL-CJD86 Datasheet
143Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Siemens Semiconductor G...
BD524 SIEMENS-BD524 Datasheet
40Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
2N2270 CDIL-2N2270 Datasheet
230Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
2N2102 CDIL-2N2102 Datasheet
233Kb / 4P
   NPN SILICON PLANAR TRANSISTOR
logo
Rectron Semiconductor
CMBT9014 RECTRON-CMBT9014 Datasheet
328Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com