Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU118 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MAU118
Description  1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAU118 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MAU118 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAU118 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAU118 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAU118 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAU118 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAU118 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Test Configurations
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor
Lin (4.7uH) and Cin (220uF, ESR < 1.0[ at 100 KHz) to
simulate source impedance.
Capacitor Cin, offsets possible battery impedance.
Current ripple is measured at the input terminals of the
module, measurement bandwidth is 0-500 KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 0.33uF ceramic capacitor.
Scope measurement should be made by using a BNC
socket, measurement bandwidth is 0-20 MHz. Position the
load between 50 mm and 75 mm from the DC/DC Converter.
Design & Feature Considerations
Maximum Capacitive Load
The MAU100 series has limitation of maximum connected
capacitance at the output.
The power module may be operated in current limiting
mode during start-up, affecting the ramp-up and the startup
time.
For optimum performance we recommend 100uF
maximum capacitive load for dual outputs and 220uF
capacitive load for single outputs.
The maximum capacitance can be found in the data.
Input Source Impedance
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the power module.
In applications where power is supplied over long lines and
output loading is high, it may be necessary to use a capacitor
at the input to ensure startup.
Capacitor mounted close to the power module helps
ensure stability of the unit, it is commended to use a good
quality low Equivalent Series Resistance (ESR < 1.0[ at 100
KHz) capacitor of a 2.2uF for the 5V input devices, a 1.0uF for
the 12V,15V input devices and a 0.47uF for the 24V devices.
Output Ripple Reduction
A good quality low ESR capacitor placed as close as
practicable across the load will give the best ripple and noise
performance.
To reduce output ripple, it is recommended to use 1.0uF
capacitors at the output.
Thermal Considerations
Many conditions affect the thermal performance of the
power module, such as orientation, airflow over the module
and board spacing. To avoid exceeding the maximum
temperature rating of the components inside the power
module, the case temperature must be kept below 95°C.
The derating curves are determined from measurements
obtained in an experimental apparatus.
MAU100 Series
MINMAX
8
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Com.
Dual Output
DC / DC
Converter
+Out
-Out
+Vin
-Vin
Load
DC Power
Source
+
-
Cout
Single Output
DC / DC
Converter
DUT
Position of air velocity
probe and thermocouple
50mm / 2in
Air Flow
15mm / 0.6in


Similar Part No. - MAU118

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU118 TOTAL-POWER-MAU118 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MAU118 MINMAX-MAU118 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU118 MINMAX-MAU118 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU118 MINMAX-MAU118 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MAU118 TOTAL-POWER-MAU118 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU118

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com