Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAU112 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MAU112
Description  1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAU112 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MAU112 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAU112 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAU112 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAU112 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAU112 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAU112 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com.
-Vo
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
I/O Isolation
1000
VDC
Low Cost
$
Minmax's MAU100 1W DC/DC's are specially designed to
provide the optimum cost/benefit power solution in a miniature
SIP package.
The series consists of 33 models with input voltages of
5V, 12V and 24V,and offers standard output voltages of 3.3V,
5V, 9V, 12V, 15V,{5V, {9V, {12V and {15V for a wide
choice.
The MAU100 series is an excellent selection for a variety
of applications including distributed power systems, mixed
analog/digital subsystems, portable test equipments, local
power networks and battery backed systems.
MTBF > 2,000,000 Hours
Lost Cost
SMT Technology
I/O Isolation 1000VDC
Miniature Package
Efficiency up to 81%
Key Features
Single and Dual Outputs
1 Watt Ultra Miniature SIP DC/DC Converters
MAU100 Series
MINMAX
4


Similar Part No. - MAU112

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU112 TOTAL-POWER-MAU112 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MAU112 MINMAX-MAU112 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU112 MINMAX-MAU112 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MAU112 MINMAX-MAU112 Datasheet
579Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package
logo
Total Power Internation...
MAU112 TOTAL-POWER-MAU112 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results

Similar Description - MAU112

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU100 TOTAL-POWER-MAU100 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Wall Industries,Inc.
KR WALL-KR Datasheet
96Kb / 3P
   Single and Dual Outputs 6 Watt DC/DC Converters
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200 Datasheet
166Kb / 4P
   MAU200 Series 1 Watt Ultra Miniature High Isolation SIP DC/DC Single & Dual Output
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com