Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KGF1146 Datasheet(PDF) 1 Page - OKI electronic componets

Part # KGF1146
Description  Small-Signal Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

KGF1146 Datasheet(HTML) 1 Page - OKI electronic componets

  KGF1146 Datasheet HTML 1Page - OKI electronic componets KGF1146 Datasheet HTML 2Page - OKI electronic componets KGF1146 Datasheet HTML 3Page - OKI electronic componets KGF1146 Datasheet HTML 4Page - OKI electronic componets KGF1146 Datasheet HTML 5Page - OKI electronic componets KGF1146 Datasheet HTML 6Page - OKI electronic componets KGF1146 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
KGF1146
¡ electronic components
This version: Jul. 1998
Previous version: Jan. 1998
¡ electronic components
KGF1146
Small-Signal Amplifier
GENERAL DESCRIPTION
The KGF1146 is a two-stage small-signal UHF-band amplifier that features low current opera-
tion, high output power, and high isolation. The KGF1146 specifications are guaranteed to a fixed
matching circuit for 5 V and 850 MHz; external impedance-matching circuits are also required.
Because of the high isolation, the KGF1146 is an ideal part for a VCO-buffer amplifiers and an
intermediate-stage amplifier for personal handy phones, such as cellular phones.
FEATURES
• Low current operation: 2.5 mA (max.)
• High output power: 1.5 dBm (min.)
• High isolation: –40 dB
• Self-bias circuit configuration with built-in source capacitor
• Package: 4PSOP
PACKAGE DIMENSIONS
E2Q0011-38-71
0.6 +0.1
–0.05
0.4 +0.1
–0.05
1.8±0.1
0.85±0.05
1.9±0.1
2.8±0.15
0 to 0.15
0.125 +0.03
–0
1.1±0.15
0.36
0.74
(Unit: mm)
Package material
Pin treatment
Solder plate thickness
Lead frame material
Epoxy resin
Solder plating
5 mm or more
42 alloy


Similar Part No. - KGF1146

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1145 OKI-KGF1145 Datasheet
178Kb / 5P
   UHF-band Device Series
More results

Similar Description - KGF1146

ManufacturerPart #DatasheetDescription
logo
AUK corp
2SC5343S AUK-2SC5343S Datasheet
214Kb / 4P
   General small signal amplifier (General small signal amplifier)
logo
OKI electronic componet...
KGF1522 OKI-KGF1522 Datasheet
101Kb / 8P
   Small-Signal Amplifier
KGF1156 OKI-KGF1156 Datasheet
72Kb / 7P
   Small-Signal Amplifier
KGF1175B OKI-KGF1175B Datasheet
103Kb / 8P
   Small-Signal Amplifier
KGF1191 OKI-KGF1191 Datasheet
181Kb / 13P
   Small-Signal Amplifier
KGF1531 OKI-KGF1531 Datasheet
114Kb / 8P
   Small-Signal Amplifier
KGF1521 OKI-KGF1521 Datasheet
101Kb / 8P
   Small-Signal Amplifier
logo
KODENSHI_AUK CORP.
2SA1980U KODENSHI-2SA1980U Datasheet
279Kb / 4P
   General small signal amplifier
2SC5343EF KODENSHI-2SC5343EF Datasheet
273Kb / 4P
   General small signal amplifier
2SC5343SF KODENSHI-2SC5343SF Datasheet
279Kb / 4P
   General small signal amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com