Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC655BN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDC655BN
Description  Single N-Channel, Logic Level, PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC655BN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC655BN Datasheet HTML 1Page - Fairchild Semiconductor FDC655BN Datasheet HTML 2Page - Fairchild Semiconductor FDC655BN Datasheet HTML 3Page - Fairchild Semiconductor FDC655BN Datasheet HTML 4Page - Fairchild Semiconductor FDC655BN Datasheet HTML 5Page - Fairchild Semiconductor FDC655BN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.fairchildsemi.com
FDC655BN Rev. C(W)
Electrical Characteristics TA = 25°C unless otherwise noted
Notes:
1.
RθJA is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is
guaranteed by design while RθCA is determined by the user's board design.
a.
78°C/W when mounted on a 1in2 pad of 2oz copper on FR-4 board.
b.
156°C/W when mounted on a minimum pad.
2.
Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250 µA30
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C23
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
VDS = 24 V, VGS = 0 V, TJ = -55°C
1
10
µA
IGSS
Gate–Body Leakage
VGS = ±20 V, VDS = 0 V
±100
nA
On Characteristics (Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA1
1.9
3
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = 250 µA, Referenced to 25°C– 4.1
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 6.3 A
VGS = 4.5 V, ID = 5.5 A
VGS = 10 V, ID = 6.3 A, TJ =125°C
20
26
27
25
33
45
m
gFS
Forward Transconductance
VDS = 10 V, ID = 6.3 A
20
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1.0 MHz
570
pF
Coss
Output Capacitance
140
pF
Crss
Reverse Transfer Capacitance
70
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
2.1
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
VDD = 15 V, ID = 1 A,
VGS = 10 V, RGEN = 6 Ω
816
ns
tr
Turn–On Rise Time
48
ns
td(off)
Turn–Off Delay Time
22
35
ns
tf
Turn–Off Fall Time
36
ns
Qg(TOT)
Total Gate Charge at Vgs=10V
VDD = 15 V, ID = 6.3 A,
10
15
nC
Qg(TOT)
Total Gate Charge at Vgs=5V
6
8
nC
Qgs
Gate–Source Charge
1.7
nC
Qgd
Gate–Drain Charge
2.1
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward Voltage VGS = 0 V, IS = 1.3 A (Note 2)
0.8
1.2
V
trr
Diode Reverse Recovery Time
IF = 6.3 A, dIF/dt = 100 A/µs18
ns
Qrr
Diode Reverse Recovery Charge
9
nC


Similar Part No. - FDC655BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDC655BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6670A FAIRCHILD-FDS6670A_03 Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com