Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC655BN Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDC655BN
Description  Single N-Channel, Logic Level, PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC655BN Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC655BN Datasheet HTML 1Page - Fairchild Semiconductor FDC655BN Datasheet HTML 2Page - Fairchild Semiconductor FDC655BN Datasheet HTML 3Page - Fairchild Semiconductor FDC655BN Datasheet HTML 4Page - Fairchild Semiconductor FDC655BN Datasheet HTML 5Page - Fairchild Semiconductor FDC655BN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.fairchildsemi.com
FDC655BN Rev. C(W)
Typical Characteristics
0
2
4
6
8
10
02468
10
12
Qg, GATE CHARGE (nC)
ID = 6.3A
15V
20V
0
200
400
600
800
05
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
R
DS(ON) LIMIT
V
GS = 10.0V
SINGLE PULSE
R
JA = 156
oC/W
T
A = 25
oC
10ms
1ms
0
1
2
3
4
5
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
R JA = 156
°C/W
TA = 25
°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
R JA(t) = r(t) * R JA
R JA = 156
°C/W
TJ - TA = P * R JA(t)
Duty Cycle, D = t1 / t2
t1
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
VDS = 10V
t2
P(pk)


Similar Part No. - FDC655BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results

Similar Description - FDC655BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6680A FAIRCHILD-FDS6680A Datasheet
102Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4822DY FAIRCHILD-SI4822DY Datasheet
94Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDR4420A FAIRCHILD-FDR4420A_07 Datasheet
67Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6670A FAIRCHILD-FDS6670A_03 Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDM6296 FAIRCHILD-FDM6296 Datasheet
471Kb / 6P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDS4410A FAIRCHILD-FDS4410A Datasheet
112Kb / 5P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
SI4412DY FAIRCHILD-SI4412DY Datasheet
267Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com