Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX3842S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AX3842S
Description  High Performance Current Mode Pwm Controlers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AX3842S Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 9Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 10Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 11Page - List of Unclassifed Manufacturers AX3842S Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Page No. : 8/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Current Sense Circuit
Slope Compensation Techniques
Isolated MOSFET Drive and Current Transformer Sensing
Peak current (Is) is determined by the formula
Is(max.)
≈ 1V/Rs
A small RC filter may be required to suppress switch transients.
R
Rs
C
2R
COMP
Is
Current
Sense
GND
1
3
5
Error Ampl.
R1V
Current
Sense
Comparator
5.0Vref
+
+
+
-
-
Vcc
S
R
Q
COMP/Latch
C
R
Rs
Ns
Np
Q1
Vin
Isolation
Boundary
3
6
7
VGS Waveforms
50%DC
25%DC
Ipk=((Vpin1-1.4)/3Rs)(Ns/Np)
+
0
-
+
0
-
R1
8
Rs
5
R
4
RT
3
CT
SLOPE
AX3842
Is
VREG
RT/CT
ISENSE
GND
R1
8
Rs
5
R
4
RT
3
CT
SLOPE
AX3842
Is
VREG
RT/CT
ISENSE
GND


Similar Part No. - AX3842S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AX3807161 PANASONIC-AX3807161 Datasheet
677Kb / 21P
   QL (AZ4) Micro Limit Switch
2006
More results

Similar Description - AX3842S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC3842 GTM-GSC3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3842 GTM-GP3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
List of Unclassifed Man...
GP3842 ETC2-GP3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842S SECOS-SPW3842S Datasheet
1Mb / 10P
   High Performance Current Mode Controlers
logo
Hi-Sincerity Mocroelect...
H3842P HSMC-H3842P Datasheet
154Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
GTM CORPORATION
GSC3843 GTM-GSC3843 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3843 GTM-GP3843 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
Hi-Sincerity Mocroelect...
H3842S HSMC-H3842S Datasheet
155Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842D SECOS-SPW3842D Datasheet
1Mb / 10P
   High Performance Current Mode Controlers
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com