Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AX3842P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AX3842P
Description  High Performance Current Mode Pwm Controlers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX3842P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AX3842P Datasheet HTML 1Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 2Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 3Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 4Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 5Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 6Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 7Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 8Page - List of Unclassifed Manufacturers AX3842P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page No. : 4/12
AVANTICS - AX3842 Series
Specification No.: 050308-FE0008
Electrical Characteristics (continued)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Output Section
I
sink=20mA
-
0.1
0.4
V
V
OL
Output Voltage (Low State)
I
sink=200mA
-
1.5
2.2
V
I
source=20mA
13
13.5
-
V
V
OH
Output Voltage (High State)
I
source=200mA
12
13.4
-
V
V
OLS
Output Voltage with UVLO
Activated
V
CC=6V, Isink=1mA
-
-0.1
-1.1
V
t
r
Output Voltage Rise Time
T
J=25
°C, CL=1.0nF (Note 2)
-
50
150
nS
t
f
Output Voltage Fall Time
T
J=25
°C, CL=1.0nF (Note 2)
-
50
150
nS
Under-Voltage Lockout Section
Start Threshold
14.5
16
17.5
V
Min. Operating Voltage
After Turn On
8.5
10
11.5
V
PWM Section
DC
max
Maximum Duty Cycle
94
96
-
%
DC
min
Minimum Duty Cycle
-
-
0
%
Total Device
I
st
Start-Up Current
-
0.1
0.5
mA
I
i
Operating Supply Current
V
pin2=Vpin3=0, RT=10K,
C
T=3.3nF
-11
17
mA
V
iz
Vcc Zener Voltage
I
CC=25 mA
-
34
-
V
Note 1: Adjust VCC above the start threshold before setting at 15V.
Note 2: These parameters, although guaranteed are not 100% tested in production.
Note 3: Parameter measured at trip point of latch with Vpin2=0.
Note 4: Gain defined as: A=Vpin1/Vpin3, 0
≤Vpin3≤0.8V


Similar Part No. - AX3842P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AX3807161 PANASONIC-AX3807161 Datasheet
677Kb / 21P
   QL (AZ4) Micro Limit Switch
2006
More results

Similar Description - AX3842P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC3842 GTM-GSC3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3842 GTM-GP3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
List of Unclassifed Man...
GP3842 ETC2-GP3842 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842S SECOS-SPW3842S Datasheet
1Mb / 10P
   High Performance Current Mode Controlers
logo
Hi-Sincerity Mocroelect...
H3842P HSMC-H3842P Datasheet
154Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
GTM CORPORATION
GSC3843 GTM-GSC3843 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
GP3843 GTM-GP3843 Datasheet
1Mb / 9P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
Hi-Sincerity Mocroelect...
H3842S HSMC-H3842S Datasheet
155Kb / 10P
   HIGH PERFORMANCE CURRENT MODE CONTROLERS
logo
SeCoS Halbleitertechnol...
SPW3842D SECOS-SPW3842D Datasheet
1Mb / 10P
   High Performance Current Mode Controlers
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com