Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387C-225BGC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1387C-225BGC
Description  18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387C-225BGC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1387C-225BGC Datasheet HTML 2Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 3Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 4Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1387C-225BGC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CY7C1386C
CY7C1387C
Document #: 38-05239 Rev. *B
Page 6 of 34
CY7C1386C–Pin Definitions
Name
TQFP
BGA
(1 Chip
Enable)
fBGA
I/O
Description
A0, A1 , A
37,36,32,33,
34,35,42,43,
44,45,46,47,
48,49,50,81,
82,99,100
P4,N4,A2,
B2,C2,R2,
3A,B3,C3,
T3,T4,A5,
B5,C5,T5,
A6,B6,C6,
R6
R6,P6,A2,
A10,B2,B10,
N6,P3,P4,P8,
P9,P10,P11,
R3,R4,R8,R9,
R10,R11
Input-
Synchronous
Address Inputs used to select one of the 512K
address locations. Sampled at the rising edge of the
CLK if ADSP or ADSC is active LOW, and CE1, CE2,
and CE3 [2]are sampled active. A1: A0 are fed to the
two-bit counter..
BWA,BWB
BWC,BWD
93,94,95,96 L5,G5,G3,
L3
B5,A5,A4,B4
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with
BWE to conduct byte writes to the SRAM. Sampled on
the rising edge of CLK.
GW
88
H4
B7
Input-
Synchronous
Global Write Enable Input, active LOW. When
asserted LOW on the rising edge of CLK, a global write
is conducted (ALL bytes are written, regardless of the
values on BWX and BWE).
BWE
87
M4
A7
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the
rising edge of CLK. This signal must be asserted LOW
to conduct a byte write.
CLK
89
K4
B6
Input-
Clock
Clock Input. Used to capture all synchronous inputs to
the device. Also used to increment the burst counter
when ADV is asserted LOW, during a burst operation.
CE1
98
E4
A3
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the
rising edge of CLK. Used in conjunction with CE2 and
CE3[2] to select/deselect the device. ADSP is ignored if
CE1 is HIGH.
CE2[2]
97
-
B3
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the
rising edge of CLK. Used in conjunction with CE1 and
CE3[2] to select/deselect the device.
CE3[2]
92
-
A6
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the
rising edge of CLK. Used in conjunction with CE1 and
CE2 to select/deselect the device.Not connected for
BGA. Where referenced, CE3[2] is assumed active
throughout this document for BGA.
OE
86
F4
B8
Input-
Asynchronous
Output Enable, asynchronous input, active LOW.
Controls the direction of the I/O pins. When LOW, the
I/O pins behave as outputs. When deasserted HIGH,
DQ pins are tri-stated, and act as input data pins. OE is
masked during the first clock of a read cycle when
emerging from a deselected state.
ADV
83
G4
A9
Input-
Synchronous
Advance Input signal, sampled on the rising edge of
CLK, active LOW. When asserted, it automatically
increments the address in a burst cycle.
ADSP
84
A4
B9
Input-
Synchronous
Address Strobe from Processor, sampled on the
rising edge of CLK, active LOW. When asserted LOW,
addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst
counter. When ADSP and ADSC are both asserted, only
ADSP is recognized. ASDP is ignored when CE1 is
deasserted HIGH.


Similar Part No. - CY7C1387C-225BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387CV25 CYPRESS-CY7C1387CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167AC CYPRESS-CY7C1387CV25-167AC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167AI CYPRESS-CY7C1387CV25-167AI Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167BGC CYPRESS-CY7C1387CV25-167BGC Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387CV25-167BGI CYPRESS-CY7C1387CV25-167BGI Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387C-225BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1366B CYPRESS-CY7C1366B Datasheet
550Kb / 32P
   9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1380C CYPRESS-CY7C1380C Datasheet
788Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1380CV25 CYPRESS-CY7C1380CV25 Datasheet
519Kb / 33P
   512K x 36/1M x 18 Pipelined SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com