Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFY3864X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFY3864X
Description  H I G H B R I G H T N E S S C O L O R
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EFY3864X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFY3864X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH
BRIGHTNESS
COLOR
70
60
50
40
30
20
10
0
DB, DC, DG
EFY, FY, EFA, FA, EFR, FR
2.9 0.2
(2.3)
29MIN.
Meniscus 0.5MAX.
31MIN.
+
n
Outline Dimensions
Unit: mm
n
Operation Current Derating Chart
SINGLE COLOR LED
f 3mm Flush Mount Round Shape
V
mcd
Units
n
Electro-Optical Characteristics
Part No.
Clear
Pastel Yellow
Clear
Pastel Orange
Clear
Pastel Red
TYP.
IF
Wavelength
Forward
Voltage VF
TYP.
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle
(2 q 1/2)
Blue
Blue Green
Green
Yellow
Orange
Red
120
480
480
500
250
560
280
440
220
20
20
20
20
20
20
20
20
20
467
502
522
592
609
635
470
505
525
590
605
626
26
30
30
15
15
15
20
20
20
20
20
20
3.5
3.5
3.5
1.9
1.9
1.9
4.0
4.0
4.0
2.4
2.4
2.4
20
20
20
20
20
20
100
100
100
100
100
100
5
5
5
5
5
5
50°
70°
DB3804X
DC3804X
DG3804X
EFY3864X
FY3864X
EFA3864X
FA3864X
EFR3864X
FR3864X
InGaN/Sic
InGaN/Sic
InGaN/Sic
AlInGaP
AlInGaP
AlInGaP
mA
nm
mA
mA
µA
V
Deg.
MIN.
Spectral Line
Half Width
Dl
TYP.
Peak
lp
TYP.
Dominant
ld
TYP.
IF
Luminous
Intensity IV
Lens
Color
Emitted
Color
Material
(Ta=25°C)
Blue Green
DC
100
25
60
5
n
Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating (DC)*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
DIF
mW
mA
mA
V
°C
°C
mA/°C
Units
Item
(Ta=25°C)
DG
100
25
60
5
EFY
125
50
200
5
FY
125
50
200
5
EFA
125
50
200
5
FA
125
50
200
5
EFR
125
50
200
5
FR
125
50
200
5
DB
100
25
60
5
-40 to +85
-40 to +100
0.33
0.67
* Ta=25°C, IFM applies for the pulse width £ 1msec. and duty cycle £1/20
The current derating for operation applies when the temperature is above 25°C
Yellow
Orange
Red
Blue
Green
60
240
240
350
125
400
140
300
110
*The viewing angle is an average and will vary by color
Water Clear
90˚
90˚
60˚
60˚
30˚
30˚
0.5
90˚
90˚
60˚
60˚
30˚
30˚
0.5
n
Spatial Distribution (x)
D_3804X
F_3864X
*Spatial Distribution is viewed as a typical illustration and will vary by color
D_3804X / F_3864X Series


Similar Part No. - EFY3864X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EFY3864X STANLEY-EFY3864X Datasheet
255Kb / 1P
   SINGLE COLOR LED
EFY3864X STANLEY-EFY3864X Datasheet
255Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - EFY3864X

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI5103 ETL-GI5103 Datasheet
418Kb / 3P
   N P N H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GJ5103 ETL-GJ5103 Datasheet
417Kb / 3P
   N P N H I G H S P E E D S WI T C H I N G T R A N S I S T O R
GJ1952 ETL-GJ1952 Datasheet
385Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GI1952 ETL-GI1952 Datasheet
387Kb / 3P
   P N P H I G H S P E E D S W I T C H I N G T R A N S I S T O R
GL358 ETL-GL358 Datasheet
298Kb / 2P
   N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL158 ETL-GL158 Datasheet
297Kb / 2P
   N P N S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL159 ETL-GL159 Datasheet
329Kb / 2P
   P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL359 ETL-GL359 Datasheet
334Kb / 2P
   P N P S I L I CO N P L A N A R H I G H C U R R E N T T R A N S I S T O R
GL156 ETL-GL156 Datasheet
296Kb / 2P
   N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
GM156 ETL-GM156 Datasheet
267Kb / 2P
   N P N S I L I CO N P L A N A R H I G H P E R F O RM A N C E T R A N S I S T O R
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com