Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2730SIT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM2730SIT
Description  300mA DUAL LOW NOISE CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2730SIT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM2730SIT Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2730SIT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CM2730
300mA DUAL LOW NOISE CMOS LDO
2002/09/30
Preliminary Rev. 0.3
Champion Microelectronic Corporation
Page 3
PIN DESCRIPTION
Pin Number
Symbol
Description
1
GND
Master & slave LDO ground
2
VOUT1
Master LDO1 output voltage
3
VIN1
Master LDO1 input voltage
4
ENB
Master LDO1 enable
5
PGB
Dual LDO power good signal
6
VIN2
Slave LDO2 input voltage
7
VOUT2
Slave LDO2 output voltage
8
VFB2
Salve LDO2 feedback signal
ORDERING INFORMATION
Part Number
Output Voltages
Temperature Range
Package
CM2730KIT
2.5V & Adjustable
-40℃ ~ +85℃
PTSSOP-08 (PT-08)
CM2730SIT
3.3V & Adjustable
-40℃ ~ +85℃
PTSSOP-08 (PT-08)
Note: For other pre-set output voltage requirements of fixed LDO1, please contact Champion Sales office.
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage …………….……………………………. +7V
Output Current …………………….……
PD / (VIN - Vo)
Output Voltage …………………… GND-0.3V to VIN+0.3V
ESD Classification ………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range …..…... -40℃ to +125℃
VIN1 – VIN2 < 0.8V
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θjc)
/W
Thermal Resistance (Θja)
/W
Internal Power Dissipation (PD)(ΔT = 100℃)
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
*With Junction sink capable of twice times ofΘjc
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2730SIT

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM27 CML-CM27 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Visual Communications C...
CM27 VCC-CM27 Datasheet
27Kb / 1P
   Base
logo
List of Unclassifed Man...
CM270026 ETC-CM270026 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM270060 ETC-CM270060 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM270125 ETC-CM270125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM2730SIT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
   Dual,300mA Ultra-low Noise CMOS LDO Regulator
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com