Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL40123 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL40123
Description  High Speed, Current Feedback Dual Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL40123 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL40123 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL40123 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ZL40123
9
Zarlink Semiconductor Inc.
Open Loop Transimpedance Gain and Phase
40
50
60
70
80
90
100
110
120
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
Frequency (Hz)
-240
-210
-180
-150
-120
-90
-60
-30
0
Transimpedance Phase
Transimpedance Gain
Harmonic Distortion vs Frequency
-100
-90
-80
-70
-60
-50
-40
1
10
100
Frequency (MHz)
2nd Harmonic
3rd Harmonic
Vo = 2V p-p


Similar Part No. - ZL40123

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123DCA ZARLINK-ZL40123DCA Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123DCB ZARLINK-ZL40123DCB Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123DCE1 ZARLINK-ZL40123DCE1 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
ZL40123DCF1 ZARLINK-ZL40123DCF1 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
More results

Similar Description - ZL40123

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40123 ZARLINK-ZL40123_06 Datasheet
219Kb / 17P
   High Speed, Current Feedback Dual Operational Amplifier
logo
Analog Devices
OP-260 AD-OP-260 Datasheet
763Kb / 6P
   DUAL, HIGH-SPEED, CURRENT FEEDBACK, OPERATIONAL AMPLIFIER
5/90,Rev.C1
logo
New Japan Radio
NJM2723 NJRC-NJM2723 Datasheet
295Kb / 11P
   High Speed Current Feedback Operational Amplifier
logo
Analog Devices
OP-160 AD-OP-160_15 Datasheet
7Mb / 24P
   High-Speed, Current Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122_06 Datasheet
185Kb / 17P
   High Speed, Current Feedback Quad Operational Amplifier
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
   High Speed, Current Feedback Quad Operational Amplifier
logo
Burr-Brown (TI)
OPA603 BURR-BROWN-OPA603 Datasheet
262Kb / 12P
   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA603 TI1-OPA603 Datasheet
194Kb / 13P
[Old version datasheet]   High Speed, Current-Feedback, High Voltage OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2607 BURR-BROWN-OPA2607 Datasheet
174Kb / 11P
   Dual, High Output, Current-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com