Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W45B012Z Datasheet(PDF) 5 Page - Winbond

Part # W45B012Z
Description  1M x 1 SERIAL FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W45B012Z Datasheet(HTML) 5 Page - Winbond

  W45B012Z Datasheet HTML 1Page - Winbond W45B012Z Datasheet HTML 2Page - Winbond W45B012Z Datasheet HTML 3Page - Winbond W45B012Z Datasheet HTML 4Page - Winbond W45B012Z Datasheet HTML 5Page - Winbond W45B012Z Datasheet HTML 6Page - Winbond W45B012Z Datasheet HTML 7Page - Winbond W45B012Z Datasheet HTML 8Page - Winbond W45B012Z Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary W45B012
Publication Release Date: April 18, 2002
- 5 -
Revision A1
DC CHARACTERISTICS
Absolute Maximum Stress Ratings
(Applied conditions greater than those listed under "Absolute maximum Stress Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation of the device at
these conditions or conditions greater than those defined in the operational sections of this data sheet
is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
PARAMETER
RATING
UNIT
Temperature Under Bias
-55 to +125
°C
Storage Temperature
-65 to +150
°C
D. C. Voltage on Any Pin to Ground Potential
-0.5 to VDD +0.5
V
Transient Voltage (<20 nS) on Any Pin to Ground Potential
-1.0 to VDD +1.0
V
Package Power Dissipation Capability (TA = 25
° C)
1.0
W
Surface Mount Lead Soldering Temperature (3 Seconds)
240
°C
Output Short Circuit Current 1
50
mA
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
DC Operating Characteristics
(VDD =2.7V
− 3.6V, VSS = 0V, TA = 0 to 70° C)
LIMITS
PARAMETER
SYM.
TEST CONDITION
MIN.
MAX.
UNITS
Program/Erase
-
30
mA
Power Supply Current
IDD
f = 20 MHz
#CE = VIL,
VDD = VDD Max.
Read
-
20
mA
Standby Current
ISB
#CE = VIHC, VDD = VDD Max.
-
15
µA
Input Leakage
ILI
VIN = GND to VDD, VDD = VDD Max.
-
2
µA
Output Leakage
ILO
VOUT = GND to VDD, VDD = VDD Max.
-
2
µA
Input Low Voltage
VIL
-0.2
0.6
V
Input High Voltage
VIH
2.0
VDD +0.3
V
Output Low Voltage
VOL
IOL = 1.6 mA
-
0.4
V
Output High Voltage
VOH
IOH = -0.4 mA
2.4
-
V
Note: Outputs shorted for no more than one second. No more than one output shorted at a time.


Similar Part No. - W45B012Z

ManufacturerPart #DatasheetDescription
logo
Winbond
W45B512 WINBOND-W45B512 Datasheet
204Kb / 16P
   512k * 1 SERIAL FLASH
More results

Similar Description - W45B012Z

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1005 MCNIX-MX25L1005 Datasheet
541Kb / 40P
   1M-BIT [x 1] CMOS SERIAL FLASH
MX25V1006E MCNIX-MX25V1006E Datasheet
935Kb / 45P
   1M-BIT [x 1/x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L011E GENERALPLUS-GPR25L011E Datasheet
847Kb / 38P
   1M-Bit [x 1/x 2] CMOS Serial Flash
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
logo
Austin Semiconductor
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
logo
ATMEL Corporation
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
   CMOS IC 1M-bit (128K횞8) Serial Flash Memory
logo
Samsung semiconductor
K9F8008W0M- SAMSUNG-K9F8008W0M- Datasheet
445Kb / 25P
   1M x 8 bit NAND Flash Memory
logo
Macronix International
MX25R1035FZUIL0 MCNIX-MX25R1035FZUIL0 Datasheet
1Mb / 73P
   ULTRA LOW POWER, 1M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com