Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W45B012Z Datasheet(PDF) 4 Page - Winbond

Part # W45B012Z
Description  1M x 1 SERIAL FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W45B012Z Datasheet(HTML) 4 Page - Winbond

  W45B012Z Datasheet HTML 1Page - Winbond W45B012Z Datasheet HTML 2Page - Winbond W45B012Z Datasheet HTML 3Page - Winbond W45B012Z Datasheet HTML 4Page - Winbond W45B012Z Datasheet HTML 5Page - Winbond W45B012Z Datasheet HTML 6Page - Winbond W45B012Z Datasheet HTML 7Page - Winbond W45B012Z Datasheet HTML 8Page - Winbond W45B012Z Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Preliminary W45B012
- 4 -
Write Protect
The #WP pin provides inadvertent write protection. The #WP pin must be held high for any Erase or
Program operation. The #WP pin is "don't care" for all other operations. In typical use, the #WP pin is
connected to VSS with a standard pull-down resistor. #WP is then driven high whenever an Erase or
Program operation is required. If the #WP pin is tied to VDD with a pull-up resistor, then all operations
may occur and the write protection feature is disabled. The #WP pin has an internal pull-up and could
remain unconnected when not used.
DEVICE OPERATION INSTRUCTION
BUS CYCLE
1
2
3
4
5
6
7
Operation/Type
Command Address 1
Address
Address
Data
Dummy
Data
Read
FFh
A23
− A16 A15 − A8
A7
− A0
X
X
Dout
Sector-erase 2
20h
A23
− A16 A15 − A8
X
Dout
X
Chip-erase
60h
X
X
X
Dout
X
Byte-program
10h
A23
− A16 A15 − A8
A7
− A0
Din
X
Software-status
9Fh
Dout
Read Manufacture ID
90h
X
X
A0 = 0
DAh
Read Device ID 3
90h
X
X
A0 = 1
98h
Notes:
1. A23
− A17 are "Don't Care" for device.
2. A16
− A12 are used to determine sector address, A11 − A8 are don't care.
3. With A16
− A1 = 0, W45B010 Device ID = 98h, is read with A0 = 1.
DEVICE OPERATION TABLE
OPERATION
SI
SO
#CE1
#WP
#RESET
Read
X
Dout
Low
X
High
Sector-erase
X
X
Low
High
High
Chip-erase
X
X
Low
High
High
Byte-program
Din
X
Low
High
High
Software-status
X
Dout
Low
X
High
Reset2
X
X
X
X
Low
Read Manufacture ID
X
Dout
Low
X
High
Read Device ID
X
Dout
Low
X
High
Notes:
1. A high to low transition on #CE will be required to start any device operation except for Reset.
2. The #RESET low will return the device to standby and terminate any Erase or Program operation in progress.


Similar Part No. - W45B012Z

ManufacturerPart #DatasheetDescription
logo
Winbond
W45B512 WINBOND-W45B512 Datasheet
204Kb / 16P
   512k * 1 SERIAL FLASH
More results

Similar Description - W45B012Z

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1005 MCNIX-MX25L1005 Datasheet
541Kb / 40P
   1M-BIT [x 1] CMOS SERIAL FLASH
MX25V1006E MCNIX-MX25V1006E Datasheet
935Kb / 45P
   1M-BIT [x 1/x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L011E GENERALPLUS-GPR25L011E Datasheet
847Kb / 38P
   1M-Bit [x 1/x 2] CMOS Serial Flash
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B_11 Datasheet
167Kb / 21P
   1M-bit (128K횞8) Serial Flash Memory
logo
Austin Semiconductor
AS8F1M32 AUSTIN-AS8F1M32 Datasheet
280Kb / 10P
   1M x 32 FLASH FLASH MEMORY MODULE
logo
ELAN Microelectronics C...
EM25LV010 EMC-EM25LV010 Datasheet
399Kb / 30P
   1 Megabit (128K x 8) Serial Flash Memory
logo
ATMEL Corporation
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
   1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
logo
Sanyo Semicon Device
LE25FU106B SANYO-LE25FU106B Datasheet
143Kb / 21P
   CMOS IC 1M-bit (128K횞8) Serial Flash Memory
logo
Samsung semiconductor
K9F8008W0M- SAMSUNG-K9F8008W0M- Datasheet
445Kb / 25P
   1M x 8 bit NAND Flash Memory
logo
Macronix International
MX25R1035FZUIL0 MCNIX-MX25R1035FZUIL0 Datasheet
1Mb / 73P
   ULTRA LOW POWER, 1M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com