Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSC6511RC Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC6511RC
Description  SMPTE-292M Serializer, Deserializer, and Deserializer/Reclocker at 1.485Gb/s
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC6511RC Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC6511RC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC6511RC Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
Deserializer/Reclocker at 1.485Gb/s
SMPTE-292M Serializer, Deserializer, and
VSC6511
Page 8
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
4/10/00
G52311-0, Rev 2.0
Functional Description: Serializer Mode
The following functional blocks are used in the Serializer mode of operation. Please refer to the Functional
Description at the beginning of this document for the a description of each of these blocks.
Clock Multiplier Unit (CMU)
CRC Generator
Scrambler and NRZI Encoder
Serializer
Cable Driver Outputs
Table 3: Transmit AC Characteristics (Serializer Mode)
Figure 4: Transmit Timing Waveforms (Serializer mode)
Parameters
Description
Min
Max
Units
Conditions
T1
D[0:19] Setup time to the
rising edge of REFCLK
2.0
—ns.
Measured from the valid data
level of D[0:19] to the crossing
of REFCLK
T2
D[0:19] hold time after the
rising edge of REFCLK
1.5
ns.
TR,TF
SDO0, SDO1 rise/fall time
150
270
ps.
20% to 80%, 75 Ohm load to
Vdd, Tested on a sample basis
TRJ
SDO0/SDO1 output jitter
—0.20
UI
Data Valid
D[19:0]
T1
T2
REFCLK
Data Valid
Data Valid


Similar Part No. - VSC6511RC

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VSC600P10MS VBSEMI-VSC600P10MS Datasheet
520Kb / 9P
   P-Channel 100-V (D-S) MOSFET
logo
Vitesse Semiconductor C...
VSC6048 VITESSE-VSC6048 Datasheet
204Kb / 18P
   High-Speed Octal Programmable Timing Generator
VSC6134 VITESSE-VSC6134 Datasheet
454Kb / 2P
   Advanced 10 Gb/s Transport Processor with Enhanced FEC
VSC6250 VITESSE-VSC6250 Datasheet
226Kb / 18P
   1Gb/s 16-Channel Drive-Side Deskew IC
VSC6250QW VITESSE-VSC6250QW Datasheet
226Kb / 18P
   1Gb/s 16-Channel Drive-Side Deskew IC
More results

Similar Description - VSC6511RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0031 TI1-LMH0031 Datasheet
375Kb / 39P
[Old version datasheet]   SMPTE 292M/259M Digital Video Deserializer / Descrambler
logo
National Semiconductor ...
CLC031 NSC-CLC031 Datasheet
390Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancilliary Data FIFOs
CLC031A NSC-CLC031A Datasheet
375Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer / Descrambler with Video and Ancillary Data FIFOs
LMH0031 NSC-LMH0031 Datasheet
770Kb / 31P
   SMPTE 292M/259M Digital Video Deserializer Descrambler with Video and Ancillary Data FIFOs
DS25C400 NSC-DS25C400 Datasheet
409Kb / 26P
   Quad 2.5 Gbps Serializer/Deserializer
logo
Cypress Semiconductor
CYV15G0104TRB CYPRESS-CYV15G0104TRB Datasheet
775Kb / 28P
   Independent Clock HOTLink II??Serializer and Reclocking Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
Cypress Semiconductor
CYV15G0104 CYPRESS-CYV15G0104 Datasheet
985Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
CYV15G0104TRB CYPRESS-CYV15G0104TRB_09 Datasheet
770Kb / 28P
   Independent Clock HOTLink II Serializer and Reclocking Deserializer
logo
Texas Instruments
SN75LVDT1422 TI-SN75LVDT1422 Datasheet
253Kb / 20P
[Old version datasheet]   14-BIT FULL DUPLEX SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com