Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28510-17 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28510-17
Description  ADVANCED PFC/PWW COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28510-17 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28510-17 Datasheet HTML 1Page - Texas Instruments UCC28510-17 Datasheet HTML 2Page - Texas Instruments UCC28510-17 Datasheet HTML 3Page - Texas Instruments UCC28510-17 Datasheet HTML 4Page - Texas Instruments UCC28510-17 Datasheet HTML 5Page - Texas Instruments UCC28510-17 Datasheet HTML 6Page - Texas Instruments UCC28510-17 Datasheet HTML 7Page - Texas Instruments UCC28510-17 Datasheet HTML 8Page - Texas Instruments UCC28510-17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
UCC28521, UCC28528
SLUS608B − JANUARY 2005 REVISED JUNE 2005
ADVANCED PFC/PWM COMBINATION CONTROLLER
WITH TRAILINGEDGE/TRAILINGEDGE MODULATION
1
www.ti.com
FEATURES
D Provides Control of PFC and PWM Power
Stages In One Device
D Trailing-Edge PFC, Trailing-Edge PWM
Modulation
D Built-In Sequencing of PFC and PWM
Turn-On
D 2-A Source and 3-A Sink Gate Drive for Both
PFC and PWM Stages
D Typical 16-ns Rise Time and 7-ns Fall Time
into 1-nF Loads
PFC Features
− Average-Current-Mode Control for
Continuous Conduction Mode Operation
− Highly-Linear Multiplier for Near-Unity
Power Factor
− Input Voltage Feedforward Implementation
− Improved Load Transient Response
− Accurate Power Limiting
− Zero Power Detect
PWM Features
− Peak-Current-Mode Control Operation
− 1:1 PFC:PWM Frequency Option
− Programmable maximum Duty Cycle Limit
Up to 90%
− Programmable Soft-Start
APPLICATIONS
D High-Efficiency Server and DesktopSupplies
D High-Efficiency Telecom AC-DC Converter
DESCRIPTION
The UCC28521 and UCC28528 combination
PFC/PWM controllers provide complete control
functionality for any off-line power system
requiring compliance with the IEC1000−3−2
harmonic reduction requirements. By combining
the control and drive signals for the PFC and the
PWM stages into a single device, significant
performance and cost benefits are gained.
Based on the UCC28511, the new devices employ
an average current mode control architecture with
input voltage feedforward. The major difference of
the
UCC28521/28
is
the
trailing-edge
/
trailing-edge (TEM/TEM) modulation scheme for
the PFC/PWM stages. The UCC28528 differs
from the UCC28521 as its PWM stage does not
turn off with the falling bulk voltage. The
UCC28528 PWM was designed for low power
auxiliary supplies.
These devices offer performance advantages
over earlier generation combination controllers. A
key PWM feature is programmable maximum duty
cycle. For the PFC stage, the devices feature an
improved
multiplier
and
the
use
of
a
transconductance
amplifier
for
enhanced
transient response.
The core of the PFC section is in a three-input
multiplier that generates the reference signal for
the line current. The UCC28521/28 features a
highly linearized multiplier circuit capable of
producing a low distortion reference for the line
current over the full range of line and load
conditions. A low-offset, high-bandwidth current
error amplifier ensures that the actual inductor
current (sensed through a resistor in the return
path) follows the multiplier output command
signal. The output voltage error is processed
through a transconductance voltage amplifier.
AVAILABLE APPLICATION OPTIONS
PART NUMBER
PWM STAGE
APPLICATION
UCC28521
PWM shuts off at 71% of the nomonal bulk voltage
ac−dc and main dc−dc converter
UCC28528
PWM does not turn off with falling bulk voltage
ac−dc and standby converter
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2005, Texas Instruments Incorporated


Similar Part No. - UCC28510-17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510 TI1-UCC28510 Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510DW TI-UCC28510DW Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28510DW TI-UCC28510DW Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28510DW TI1-UCC28510DW Datasheet
1Mb / 42P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28510-17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28521 TI-UCC28521_15 Datasheet
528Kb / 33P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER WITH TRAILING-EDGE/TRAILING-EDGE MODULATION
logo
AIMTEC
AMEPR8D-AZ AIMTEC-AMEPR8D-AZ Datasheet
259Kb / 4P
   Leading or Trailing Edge Triac
logo
Fairchild Semiconductor
ML4800CP FAIRCHILD-ML4800CP Datasheet
119Kb / 14P
   Internally synchronized leading-edge PFC and trailing-edge PWM in one IC
logo
LSI Computer Systems
LS7636 LSI-LS7636 Datasheet
220Kb / 7P
   REVERSE PHASE (TRAILING-EDGE) HALOGEN LAMP DIMMER
logo
Texas Instruments
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
logo
Fairchild Semiconductor
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com