Electronic Components Datasheet Search |
|
THS3125IPWPRG4 Datasheet(PDF) 5 Page - Texas Instruments |
|
THS3125IPWPRG4 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page THS3122 THS3125 SLOS382 − SEPTEMBER 2001 5 www.ti.com electrical characteristics over recommended operating free-air temperature range, TA = 25°C, VCC = ±15 V, RF = 750 Ω, RL = 100 Ω (unless otherwise noted) (continued) power supply PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VCC = ±5V TA = 25°C 7.2 9 ICC Quiescent current (per channel) VCC = ±5V TA = full range 10 mA ICC Quiescent current (per channel) VCC = ±15 V TA = 25°C 8.4 10.5 mA VCC = ±15 V TA = full range 11.5 VCC = ±5 V ±1 V TA = 25°C 53 60 PSRR Power supply rejection ratio VCC = ±5 V ±1 V TA = full range 50 dB PSRR Power supply rejection ratio VCC = ±15 V ±1 V TA = 25°C 68 73 dB VCC = ±15 V ±1 V TA = full range 66 shutdown characteristics (THS3125 only) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ICC(SHDN) Shutdown quiescent current (per channel) V(SHDN) = 3.3 V 370 500 µA tDIS Disable time (see Note 3) GND = 0 V 200 ns tEN Enable time (see Note 3) GND = 0 V VCC = ±5 V to ±15 V 500 ns IIL(SHDN) Shutdown pin low level leakage current VCC = ±5 V to ±15 V V(SHDN) = 0 V 18 25 µA IIH(SHDN) Shutdown pin high level leakage current V(SHDN) = 3.3 V 110 130 µA NOTE 3: Disable/enable time is defined as the time from when the shutdown signal is applied to the SHDN pin to when the supply current has reached half of its final value. TYPICAL CHARACTERISTICS Table of Graphs FIGURE Small signal closed loop gain vs Frequency 1 − 10 Small and large signal output vs Frequency 11, 12 Harmonic distortion vs Frequency 13, 14, 15 Harmonic distortion vs Peak−to−peak output voltage 16, 17 Vn, In Voltage noise and current noise vs Frequency 18 CMRR Common-mode rejection ratio vs Frequency 19 Crosstalk vs Frequency 20 Zo Output impedance vs Frequency 21 SR Slew rate vs Output voltage step 22 VIO Input offset voltage vs Free-air temperature 23 VIO Input offset voltage vs Common-mode input voltage 24 IB Input bias current vs Free-air temperature 25 VO Output voltage vs Load current 26 Quiescent current vs Free-air temperature 27 Quiescent current vs Supply voltage 28 ICC Shutdown supply current vs Free-air temperature 29 Differential gain and phase error vs 75 Ω serially terminated loads 30, 31 Shutdown response 32 Small signal pulse response 33, 34 Large signal pulse response 35, 36 |
Similar Part No. - THS3125IPWPRG4 |
|
Similar Description - THS3125IPWPRG4 |