Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6722RFP250 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C6722RFP250
Description  Floating-Point Digital Signal Processors
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722RFP250 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C6722RFP250 Datasheet HTML 7Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 8Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 9Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 10Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 11Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 12Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 13Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 14Page - Texas Instruments TMS320C6722RFP250 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 115 page
background image
www.ti.com
2.5
Program Cache
TMS320C6727, TMS320C6726, TMS320C6722
Floating-Point Digital Signal Processors
SPRS268C – MAY 2005 – REVISED NOVEMBER 2005
The C672x DSP executes code directly from a large on-chip 32K-byte program cache. The program cache
has these key features:
• Wide 256-bit path to internal ROM/RAM
• Single-cycle access on cache hits
• 2-cycle miss penalty to internal ROM/RAM
• Caches external memory as well as ROM/RAM
• Direct-mapped
• Modes: Enable, Freeze, Bypass
• Software invalidate to support code overlay
The program cache line size is 256 bits wide and is matched with a 256-bit-wide path between cache and
internal memory. This allows the program cache to fill an entire line (corresponding to eight C67x+ CPU
instructions) with only a single miss penalty of 2 cycles.
The program cache control registers are listed in Table 2-4.
Table 2-4. Program Cache Control Registers
REGISTER NAME
BYTE ADDRESS
DESCRIPTION
L1PISAR
0x2000 0000
L1P Invalidate Start Address
L1PICR
0x2000 0004
L1P Invalidate Control Register
CAUTION
Any application which modifies the contents of program RAM (for example, a program
overlay) must invalidate the addresses from program cache to maintain coherency.
The Cache Mode (Enable, Freeze, Bypass) is configured through a CPU internal register (CSR, bits 7:5).
These options are listed in Table 2-5. Typically, only the Cache Enable Mode is used. But advanced users
may utilize Freeze and Bypass modes to tune performance.
Table 2-5. Cache Modes Set Through PCC Field of CSR CPU Register on C672x
CPU CSR[7:5]
CACHE MODE
000b
Reserved - Not Supported
010b
Enable - Cache is enabled, cache misses cause a line fill.
011b
Freeze - Cache is enabled, but contents are unchanged by misses.
100b
Bypass - Forces cache misses, cache contents frozen.
Other Values
Reserved - Not Supported
CAUTION
The C672x DSP reset value for CSR[7:5] is 000b, which it interprets as 010b. However,
this applies only to C672x. For compatibility purposes, change CSR[7:5] to one of the
supported modes listed in Table 2-5 during initialization.
Device Overview
11


Similar Part No. - TMS320C6722RFP250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6722RFP225 TI-TMS320C6722RFP225 Datasheet
944Kb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results

Similar Description - TMS320C6722RFP250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6712 TI1-TMS320C6712_08 Datasheet
1Mb / 116P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI1-TMS320C6727B_17 Datasheet
1Mb / 119P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711B TI-TMS320C6711B Datasheet
1Mb / 132P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6713 TI-TMS320C6713 Datasheet
2Mb / 150P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B_08 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6727B TI-TMS320C6727B_07 Datasheet
1Mb / 116P
[Old version datasheet]   Floating-Point Digital Signal Processors
TMS320C6711 TI-TMS320C6711 Datasheet
1Mb / 129P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727B TI-TMS320C6727B Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
SM320C6713-EP TI1-SM320C6713-EP_15 Datasheet
1Mb / 133P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6727 TI-TMS320C6727_08 Datasheet
1Mb / 114P
[Old version datasheet]   Floating-Point Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com