Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3502AIDCNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3502AIDCNR
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3502AIDCNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV3502AIDCNR Datasheet HTML 2Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 3Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 4Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 5Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 6Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 7Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 8Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 9Page - Texas Instruments TLV3502AIDCNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, and Input Overdrive = 100mV, unless otherwise noted.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
QUIESCENT CURRENT vs SHUTDOWN VOLTAGE
05
234
1
Shutdown Voltage (V)
5V
(from on to off)
5V
(from off to on)
2.7V
(from on to off)
2.7V
(from off to on)
25
20
15
10
5
0
QUIESCENT CURRENT vs FREQUENCY
0
100
40
60
80
20
Frequency (MHz)
C
LOAD =0.5pF
C
LOAD = 10pF
C
LOAD = 20pF
C
LOAD = 50pF


Similar Part No. - TLV3502AIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDCNR TI1-TLV3502AIDCNR Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNR TI-TLV3502AIDCNR Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNRG4 TI-TLV3502AIDCNRG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3502AIDCNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI-TLV3502AIDG4 Datasheet
763Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com