Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE6363G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6363G
Description  Multifunctional Voltage Regulator and Watchdog
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6363G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6363G Datasheet HTML 4Page - Infineon Technologies AG TLE6363G Datasheet HTML 5Page - Infineon Technologies AG TLE6363G Datasheet HTML 6Page - Infineon Technologies AG TLE6363G Datasheet HTML 7Page - Infineon Technologies AG TLE6363G Datasheet HTML 8Page - Infineon Technologies AG TLE6363G Datasheet HTML 9Page - Infineon Technologies AG TLE6363G Datasheet HTML 10Page - Infineon Technologies AG TLE6363G Datasheet HTML 11Page - Infineon Technologies AG TLE6363G Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TLE 6363
Data Sheet V 1.1
8
2000-11-8
Boost-Converter; BOI, BOFB and
V
BOOST
Boost voltage;
see application circuit
V
BOOST
24.0
27.5
31.0
V
5 mA <
I
Boost <
100 mA;
T
j =25 C
8V<
V
Batt <16 V
Boost Voltage;
see application circuit
V
BOOST
23
32
V
5 mA <
I
Boost <
100 mA;
8V<
V
Batt <16 V
Efficiency; see. appl. circuit
–80
%
I
Boost = 100 mA
Power-Stage ON
resistance
R
BOON
0.6
0.75
τ
T
j =25 C;
I
BOI =1 A
Power-Stage ON
resistance
R
BOON
––1.4
τ
I
BOI =1 A
Boost overcurrent threshold
I
BOOC
1.0
1.3
1.8
A
Feedback threshold voltage
V
BOFBTH
2.55
2.7
2.85
V
V
BOI =12 V
I
Boost =25 mA
Feedback input current
I
FB
–2
– 0.4
0
←A2 V < V
BOFB<4 V
Buck-Converter; BUO, BDS, BUC and V
CC
Logic supply voltage
V
CC
4.9
5.1
V
1 mA <
I
CC <
250 mA; see. appl.
circuit
Efficiency; see. appl. circuit
–85
%
I
CC =250 mA;
V
Boost =25 V
Power-Stage ON
resistance
R
BUON
0.38
0.5
τ
T
j =25 C;
I
BUO =1 A
Power-Stage ON
resistance
R
BUON
––1.0
τ
I
BUO =1 A
Buck overcurrent threshold
I
BUOC
0.7
0.95
1.2
A
Input current on pin
V
CC
I
CC
–0.2
0.5
mA
V
CC =5 V
Electrical Characteristics (cont’d)
8V <
V
Boost <35 V; 4.75 V < VCC <5.25 V; – 40 C< Tj <150 C; RR =47 kτ; all voltages
with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
typ.
max.


Similar Part No. - TLE6363G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6363 INFINEON-TLE6363 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
More results

Similar Description - TLE6363G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
logo
Melexis Microelectronic...
TH8065 MELEXIS-TH8065 Datasheet
1Mb / 40P
   Voltage Regulator with LIN Transceiver and Watchdog
logo
Rohm
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
logo
ELMOS Semiconductor AG
E910.48 ELMOS-E910.48 Datasheet
122Kb / 1P
   LIN transceiver with voltage regulator and watchdog
logo
Sanyo Semicon Device
LA5612 SANYO-LA5612 Datasheet
59Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
   CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com