Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9139DG-2515 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9139DG-2515
Description  Multi-Output, Individual On/Off Control Power-Supply Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9139DG-2515 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9139DG-2515 Datasheet HTML 1Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 2Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 3Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 4Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 5Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 6Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 7Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 8Page - Vishay Siliconix SI9139DG-2515 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Si9139
Vishay Siliconix
New Product
Document Number: 71841
S-22317—Rev. A, 16-Dec-02
www.vishay.com
3
SPECIFICATIONS
Limits
Test Conditions
Parameter
Unit
Maxa
Typb
Mina
VIN = 15 V , IVL = IREF = 0 mA
TA = -40_C to 85_C, All Controllers ON
Internal 5-V Regulator
VL Output Current (Internal and External)
30
60
mA
VL Output
All Controllers OFF, VIN >5.5 V, 0 <IL <30 mA
4.7
5.5
VL Fault Lockout Voltage
VL Falling Edge
3.6
4.2
V
VL Fault Lockout Hysteresis
75
mV
Reference
REF Output
3.24
3.3
3.36
V
REF Load Regulation
0 to 1 mA
25
60
mV
Auxiliary Feedback Voltage
FBC Pin
1.20
1.24
1.28
V
Supply Current
Supply Current
*Shutdown
All Converters OFF, No Load
25
60
m
Supply Current
*Operation
All Controllers ON, No Load, fOSC = 300 kHz
1100
1800
mA
Oscillator
Oscillator Frequency
270
300
330
kHz
Maximum Duty Cycle
92
95
%
Fault Detection SMPSA and SMPSB Outputs
Overvoltage Trip Threshold
With Respect To Unloaded Output Voltage
6
10
14
%
Overvoltage-Fault Propagation Delay
CSA or CSB Driven 2% Above Overvoltage Trip
Threshold
1.5
ms
Output Undervoltage Threshold
With Respect to Unloaded Output Voltage
-40
-30
-20
%
Output Undervoltage Lockout Time
From each SMPS Enabled
16
20
24
ms
RESET
RESET Start Threshold
With Respect To Unloaded Output Voltage
Rising Edge
-5.5
%
RESET Propagation Delay (Falling)
Falling Edge, FBA or FBB Driven 2% Above Overvol-
tage or 2% Below Undervoltage Lockout Thresholds
1.5
ms
RESET Delay Time (Rising)
With Respect to 2nd SMPS Lockout Time Done
92
107
122
ms
Inputs and Outputs
Feedback Input Leakage Current
FBC = 1.24 V
1
m
Input Leakage Current
ONA, ONB, VIN = 0 V or VL
"1
mA
Gate Driver Sink/Source Current (Buck)
DLA, DHA, DLB, DHB Forced to 2 V
1
A
Gate Driver On-Resistance (Buck)
High or Low
2
7
W
Gate Driver Sink/Source Current (Auxiliary)
DHC, DLC Forced to 2 V
0.2
A
Gate Driver On-Resistance (Auxiliary)
High or Low
15
W
RESET Output Low Voltage
RESET, ISINK = 4 mA
0.4
V
RESET Output High Leakage
RESET = 5 V
1
mA
ONA, ONB
Logic Low
VIL
0.8
Logic High
VIH
2.4
V
Notes
a.
The algebraic convention is used whereby the most negative value is a minimum and the most positive a maximum.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing, and are measured at TA = 25_C.


Similar Part No. - SI9139DG-2515

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9130 VISHAY-SI9130 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130 VISHAY-SI9130 Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG VISHAY-SI9130CG Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
SI9130CG VISHAY-SI9130CG Datasheet
252Kb / 15P
   Pin-Programmable Dual Controller - Portable PCs
Rev. G, 16-May-11
SI9130CG-T1 VISHAY-SI9130CG-T1 Datasheet
138Kb / 13P
   Pin-Programmable Dual Controller-Portable PCs
Rev. F, 26-Apr-04
More results

Similar Description - SI9139DG-2515

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9138 VISHAY-SI9138 Datasheet
150Kb / 14P
   Multi-Output, Individual On/Off Control Power-Supply Controller
Rev. B, 13-May-02
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9135 VISHAY-SI9135 Datasheet
453Kb / 14P
   SMBus Multi-Output Power-Supply Controller
Rev. B, 05-Apr-99
logo
Texas Instruments
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
[Old version datasheet]   OFF-LINE POWER SUPPLY CONTROLLER
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
[Old version datasheet]   Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
[Old version datasheet]   Off-line Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com