Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780024AF1-XXX-CN3 Datasheet(PDF) 11 Page - NEC

Part # UPD780024AF1-XXX-CN3
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780024AF1-XXX-CN3 Datasheet(HTML) 11 Page - NEC

Back Button UPD780024AF1-XXX-CN3 Datasheet HTML 7Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 8Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 9Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 10Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 11Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 12Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 13Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 14Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
11
µPD780021A, 780022A, 780023A, 780024A, 780021AY, 780022AY, 780023AY, 780024AY
Data Sheet U14042EJ4V0DS
1. PIN CONFIGURATION (TOP VIEW)
64-pin plastic SDIP (19.05 mm (750))
Notes 1. SDA0 and SCL0 are incorporated only in the
µPD780024AY Subseries.
2. SI31, SO31, and SCK31 are incorporated only in the
µPD780024A Subseries.
Cautions 1. Connect the IC (Internally Connected) pin directly to VSS0 or VSS1.
2. Connect the AVSS pin to VSS0.
Remark
When the
µPD780021A, 780022A, 780023A, 780024A, 780021AY, 780022AY, 780023AY, and 780024AY
are used in applications where the noise generated inside the microcontroller needs to be reduced, the
implementation of noise reduction measures, such as supplying voltage to VDD0 and VDD1 individually
and connecting VSS0 and VSS1 to different ground lines, is recommended.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
P67/ASTB
P66/WAIT
P65/WR
P64/RD
P75/BUZ
P74/PCL
P73/TI51/TO51
P72/TI50/TO50
P71/TI01
P70/TI00/TO0
P03/INTP3/ADTRG
P02/INTP2
P01/INTP1
P00/INTP0
VSS1
X1
X2
IC
XT1
XT2
RESET
AVDD
AVREF
P10/ANI0
P11/ANI1
P12/ANI2
P13/ANI3
P14/ANI4
P15/ANI5
P16/ANI6
P17/ANI7
AVSS
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
P40/AD0
P41/AD1
P42/AD2
P43/AD3
P44/AD4
P45/AD5
P46/AD6
P47/AD7
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
P56/A14
P57/A15
VSS0
VDD0
P30
P31
P32/SDA0Note 1
P33/SCL0Note 1
P34/SI31Note 2
P35/SO31Note 2
P36/SCK31Note 2
P20/SI30
P21/SO30
P22/SCK30
P23/RxD0
P24/TxD0
P25/ASCK0
VDD1


Similar Part No. - UPD780024AF1-XXX-CN3

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780024A NEC-UPD780024A Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780024A NEC-UPD780024A Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780024A NEC-UPD780024A Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780024A NEC-UPD780024A Datasheet
345Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780024AS NEC-UPD780024AS Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780024AF1-XXX-CN3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com