Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780024AF1-XXX-CN3 Datasheet(PDF) 9 Page - NEC

Part # UPD780024AF1-XXX-CN3
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780024AF1-XXX-CN3 Datasheet(HTML) 9 Page - NEC

Back Button UPD780024AF1-XXX-CN3 Datasheet HTML 5Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 6Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 7Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 8Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 9Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 10Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 11Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 12Page - NEC UPD780024AF1-XXX-CN3 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
9
µPD780021A, 780022A, 780023A, 780024A, 780021AY, 780022AY, 780023AY, 780024AY
Data Sheet U14042EJ4V0DS
OVERVIEW OF FUNCTIONS (2/2)
Part Number
µPD780021A
µPD780022A
µPD780023A
µPD780024A
Item
µPD780021AY
µPD780022AY
µPD780023AY
µPD780024AY
Clock output
• Expanded-specification products of
µPD780021A, 780022A, 780023A, 780024A:
93.75 kHz, 187.5 kHz, 375 kHz, 750 kHz, 1.25 MHz, 3 MHz, 6 MHz, 12 MHz
(@12MHz operation with main system clock)
32.768 kHz (@ 32.768 kHz operation with subsystem clock)
µPD780021AY, 780022AY, 780023AY, 780024AY and conventional products of µPD780021A,
780022A, 780023A, 780024A:
65.5 kHz, 131 kHz, 262 kHz, 524 kHz, 1.05 MHz, 2.10 MHz, 4.19 MHz, 8.38 MHz
(@ 8.38 MHz operation with main system clock)
32.768 kHz (@ 32.768 kHz operation with subsystem clock)
Buzzer output
• Expanded-specification products of
µPD780021A, 780022A, 780023A, 780024A:
1.46 kHz, 2.93 kHz, 5.86 kHz, 11.7 kHz (@ 12 MHz operation with main system clock)
µPD780021AY, 780022AY, 780023AY, 780024AY and conventional products of µPD780021A,
780022A, 780023A, 780024A:
1.02 kHz, 2.05 kHz, 4.10 kHz, 8.19 kHz (@ 8.38 MHz operation with main system clock)
Vectored
Maskable
Internal: 13, external: 5
interrupt
Non-maskable
Internal: 1
sources
Software
1
Power supply voltage
VDD = 1.8 to 5.5 V
Operating ambient temperature
TA = –40 to +85
°C
Package
• 64-pin plastic SDIP (19.05 mm (750))
• 64-pin plastic QFP (14 x 14)
• 64-pin plastic LQFP (14 x 14)
• 64-pin plastic TQFP (12 x 12)
• 64-pin plastic LQFP (10 x 10)
• 73-pin plastic FBGA (9 x 9)


Similar Part No. - UPD780024AF1-XXX-CN3

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780024A NEC-UPD780024A Datasheet
4Mb / 472P
   8-bit Single-Chip Microcontroller
UPD780024A NEC-UPD780024A Datasheet
565Kb / 66P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780024A NEC-UPD780024A Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780024A NEC-UPD780024A Datasheet
345Kb / 52P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780024AS NEC-UPD780024AS Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780024AF1-XXX-CN3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com