Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD780022AGC-XXX-AB8 Datasheet(PDF) 2 Page - NEC

Part # UPD780022AGC-XXX-AB8
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780022AGC-XXX-AB8 Datasheet(HTML) 2 Page - NEC

  UPD780022AGC-XXX-AB8 Datasheet HTML 1Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 2Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 3Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 4Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 5Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 6Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 7Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 8Page - NEC UPD780022AGC-XXX-AB8 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
2
µPD780021A, 780022A, 780023A, 780024A, 780021AY, 780022AY, 780023AY, 780024AY
Data Sheet U14042EJ4V0DS
APPLICATIONS
Telephones, household electrical appliances, pagers, AV equipment, car audios, office automation equipment, etc.
ORDERING INFORMATION (1/2)
(1)
µµµµµPD780024A Subseries
Part Number
Package
µPD780021ACW-×××
64-pin plastic SDIP (19.05 mm (750))
µPD780021AGC-×××-AB8
64-pin plastic QFP (14 x 14)
µPD780021AGC-×××-8BS
64-pin plastic LQFP (14 x 14)
µPD780021AGK-×××-9ET
64-pin plastic TQFP (12 x 12)
µPD780021AGB-×××-8EU
64-pin plastic LQFP (10 x 10)
µPD780021AF1-×××-CN3
73-pin plastic FBGA (9 x 9)
µPD780022ACW-×××
64-pin plastic SDIP (19.05 mm (750))
µPD780022AGC-×××-AB8
64-pin plastic QFP (14 x 14)
µPD780022AGC-×××-8BS
64-pin plastic LQFP (14 x 14)
µPD780022AGK-×××-9ET
64-pin plastic TQFP (12 x 12)
µPD780022AGB-×××-8EU
64-pin plastic LQFP (10 x 10)
µPD780022AF1-×××-CN3
73-pin plastic FBGA (9 x 9)
µPD780023ACW-×××
64-pin plastic SDIP (19.05 mm (750))
µPD780023AGC-×××-AB8
64-pin plastic QFP (14 x 14)
µPD780023AGC-×××-8BS
64-pin plastic LQFP (14 x 14)
µPD780023AGK-×××-9ET
64-pin plastic TQFP (12 x 12)
µPD780023AGB-×××-8EU
64-pin plastic LQFP (10 x 10)
µPD780023AF1-×××-CN3
73-pin plastic FBGA (9 x 9)
µPD780024ACW-×××
64-pin plastic SDIP (19.05 mm (750))
µPD780024AGC-×××-AB8
64-pin plastic QFP (14 x 14)
µPD780024AGC-×××-8BS
64-pin plastic LQFP (14 x 14)
µPD780024AGK-×××-9ET
64-pin plastic TQFP (12 x 12)
µPD780024AGB-×××-8EU
64-pin plastic LQFP (10 x 10)
µPD780024AF1-×××-CN3
73-pin plastic FBGA (9 x 9)
Remark
××× indicates ROM code suffix.


Similar Part No. - UPD780022AGC-XXX-AB8

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780022A NEC-UPD780022A Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD780022AY NEC-UPD780022AY Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780022AGC-XXX-AB8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com