Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV022W Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV022W
Description  LVDS Mux/Repeater
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV022W Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV022W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV022W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV022, PI90LVB022
LVDS Mux / Repeater
2
PS8488B
09/28/04
Figure 1. Possible Signal Routing
T
U
P
N
I
T
U
P
T
U
O
N
O
I
T
C
N
U
F
1
S0
SZ
1
/
Y
1Z
2
/
Y
2
00
B
1
/
A
1B
1
/
A
1r
e
tt
il
p
S
01
B
2
/
A
2B
2
/
A
2r
e
tt
il
p
S
10
B
1
/
A
1B
2
/
A
2r
e
t
u
o
R
11
B
2
/
A
2B
1
/
A
1r
e
t
u
o
R
Table 1. MUX Truth Table
Note: Setting nDE to 0 will set Ouput nY/nZ to High Impedance.
S1 / S0
1A / 1B
2A / 2B
S1 / S0
1A / 1B
2A / 2B
1DE / 2DE
1Y / 1Z
2Y / 2Z
1DE / 2DE
1Y / 1Z
2Y / 2Z
Cross Point
Router
Pass Through
Router
S1, S0
1A, 1B
2A, 2B
S1, S0
1A, 1B
2A, 2B
1DE, 2DE
1Y, 1Z
2Y, 2Z
1DE, 2DE
1Y, 1Z
2Y, 2Z
Splitter A
Splitter B
Splitter Options
Router Options


Similar Part No. - PI90LV022W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024L PERICOM-PI90LV024L Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024L PERICOM-PI90LV024L Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LV022W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2LL843 CYPRESS-CY2LL843 Datasheet
261Kb / 13P
   High-drive Two-Channel LVDS Repeater/Mux
logo
Pericom Semiconductor C...
PI90LV03 PERICOM-PI90LV03 Datasheet
337Kb / 7P
   SOTiny LVDS Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
   Dual Link LVDS Repeater
logo
Texas Instruments
SN65LVDS116DGGR TI-SN65LVDS116DGGR Datasheet
339Kb / 19P
[Old version datasheet]   16-PORT LVDS REPEATER
SN65LVDS116 TI-SN65LVDS116 Datasheet
247Kb / 16P
[Old version datasheet]   16-PORT LVDS REPEATER
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
   Dual Link LVDS Repeater
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
National Semiconductor ...
DS10BR150_0711 NSC-DS10BR150_0711 Datasheet
394Kb / 12P
   1.0 Gbps LVDS Buffer/Repeater
logo
Texas Instruments
DS10BR150 TI1-DS10BR150_14 Datasheet
791Kb / 14P
[Old version datasheet]   1.0 Gbps LVDS Buffer / Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com