Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0310A Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # PF0310A
Description  MOS FET Power Amplifier Module for VHF Band
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF0310A Datasheet(HTML) 3 Page - Hitachi Semiconductor

  PF0310A Datasheet HTML 1Page - Hitachi Semiconductor PF0310A Datasheet HTML 2Page - Hitachi Semiconductor PF0310A Datasheet HTML 3Page - Hitachi Semiconductor PF0310A Datasheet HTML 4Page - Hitachi Semiconductor PF0310A Datasheet HTML 5Page - Hitachi Semiconductor PF0310A Datasheet HTML 6Page - Hitachi Semiconductor PF0310A Datasheet HTML 7Page - Hitachi Semiconductor PF0310A Datasheet HTML 8Page - Hitachi Semiconductor PF0310A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PF0310A
3
Electrical Characteristics (Tc = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Frequency range
f
136
150
MHz
Drain cutoff current
I
DS
100
µAV
DD = 17 V, VPC = 0 V
Total efficiency
η
T
45
55
%
Pin = 20 mW, V
DD = 9.6 V,
2nd harmonic distortion
2nd H.D.
–25
–20
dBc
Pout = 7 W (at V
PC controlled),
3rd harmonic distortion
3rd H.D.
–35
–30
dBc
R
L = Rg = 50 Ω, Tc = 25°C
4th harmonic distortion
4rd H.D.
–40
–30
dBc
Input VSWR
VSWR (in)
1.5
3.0
Output VSWR
VSWR (out) —
1.5
Output power (1)
Pout (1)
7
9
W
Pin = 20 mW, V
DD = 9.6 V,
V
PC = 4 V, RL = Rg = 50 Ω
Output power (2)
Pout (2)
2.5
3.5
W
Pin = 20 mW, V
DD = 6 V,
V
PC = 3.7 V, RL = Rg = 50 Ω
Load VSWR tolerance
No degradation
Pin = 20 mW, V
DD = 15 V,
Pout
≤ 7 W, (at V
PC controlled),
Output VSWR = 6:1 All phases
Stability
No parasitic oscillation
Pin = 20 mW, V
DD = 6 to 15 V,
Pout
≤ 7 W, (at V
PC controlled),
Output VSWR = 3:1 All phases
Mechanical Characteristics
Item
Conditions
Spec
Torque for screw up the heatsink flange
M2.6 Screw Bolts
1.5 to 3.5 kg•cm
Warp size of the heatsink flange: S
S
S = 0
+0.1/–0 mm


Similar Part No. - PF0310A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0314 HITACHI-PF0314 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
logo
KEC(Korea Electronics)
PF0314TE6 KEC-PF0314TE6 Datasheet
432Kb / 1P
   EMI Filtering TVS For USB Port
PF0314US6 KEC-PF0314US6 Datasheet
39Kb / 2P
   EMI Filtering TVS
More results

Similar Description - PF0310A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0341A HITACHI-PF0341A Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for UHF Band
logo
Toshiba Semiconductor
S-AV38 TOSHIBA-S-AV38 Datasheet
216Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV34 TOSHIBA-S-AV34 Datasheet
151Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
   FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
2SK410 HITACHI-2SK410 Datasheet
50Kb / 10P
   Silicon N-Channel MOS FET (HF/VHF power amplifier)
logo
Toshiba Semiconductor
2SC2103A TOSHIBA-2SC2103A Datasheet
63Kb / 2P
   VHF BAND POWER AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com