Electronic Components Datasheet Search |
|
P89LPC915 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
P89LPC915 Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 72 page Philips Semiconductors P89LPC915/916/917 8-bit microcontrollers with accelerated two-clock 80C51 core Product data Rev. 04 — 17 December 2004 9 of 72 9397 750 14397 © Koninklijke Philips Electronics N.V. 2004. All rights reserved. P1.0 to P1.5 I/O (P1.2); I (P1.5) Port 1: Port 1 is a 6-bit I/O port with user-configurable outputs. During reset Port 1 latches are configured in the input only mode with the internal pull-up disabled. The operation of the inputs and outputs depends upon the port configuration selected. Refer to Section 9.12.1 “Port configurations” and Table 13 “DC electrical characteristics” for details. P1.2 is an open drain when used as an output. P1.5 is input only. All pins have Schmitt triggered inputs. Port 1 also provides various special functions as described below: 9 I/O P1.0 — Port 1 bit 0 O TxD — Serial port transmitter data. 8 I/O P1.1 — Port 1 bit 0 I RxD — Serial port receiver data. 7 I/O P1.2 — Port 1 bit 2. (Open drain when used as an output.) I/O T0 — Timer/counter 0 external count input, overflow output, or PWM output. I/O SCL — I2C-bus serial clock input/output. 6 I/O P1.3 — Port 1 bit 2. (Open drain when used as an output.) I/O INT0 — External interrupt 0 input. I/O SDA — I2C-bus serial data input/output. 5 I/O P1.4 — Port 1 bit 2. I/O INT1 — External interrupt 1input. 3I P1.5 — Port 1 bit 5. (Input only.) I RST — External Reset input during power-on or if selected via UCFG1. When functioning as a reset input a LOW on this pin resets the microcontroller, causing I/O ports and peripherals to take on their default states, and the processor begins execution at address 0. When using an oscillator frequency above 12 MHz, the reset input function of P1.5 must be enabled. An external circuit is required to hold the device in reset at power-up until VDD has reached its specified level. When system power is removed VDD will fall below the minimum specified operating voltage. When using an oscillator frequency above 12 MHz, in some applications, an external brownout detect circuit may be required to hold the device in reset when VDD falls below the minimum specified operating voltage. Also used during a power-on sequence to force In-System Programming mode. VSS 4I Ground: 0 V reference. VDD 10 I Power Supply: This is the power supply voltage for normal operation as well as Idle and Power-down modes. Table 3: P89LPC915 pin description…continued Symbol Pin Type Description |
Similar Part No. - P89LPC915 |
|
Similar Description - P89LPC915 |