Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTF3055-160 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTF3055-160
Description  Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF3055-160 Datasheet(HTML) 1 Page - ON Semiconductor

  NTF3055-160 Datasheet HTML 1Page - ON Semiconductor NTF3055-160 Datasheet HTML 2Page - ON Semiconductor NTF3055-160 Datasheet HTML 3Page - ON Semiconductor NTF3055-160 Datasheet HTML 4Page - ON Semiconductor NTF3055-160 Datasheet HTML 5Page - ON Semiconductor NTF3055-160 Datasheet HTML 6Page - ON Semiconductor NTF3055-160 Datasheet HTML 7Page - ON Semiconductor NTF3055-160 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Publication Order Number:
NTF3055–160/D
© Semiconductor Components Industries, LLC, 2001
July, 2001 – Rev. 0
1
NTF3055-160
Preferred Device
Power MOSFET
2.0 Amps, 60 Volts
N–Channel SOT–223
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–to–Source Voltage
– Continuous
– Non–repetitive (tp ≤ 10 ms)
VGS
± 20
± 30
Vdc
Vpk
Drain Current
– Continuous @ TA = 25°C
– Continuous @ TA = 100°C
– Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
2.0
1.2
6.0
Adc
Apk
Total Power Dissipation @ TA = 25°C (Note 1.)
Total Power Dissipation @ TA = 25°C (Note 2.)
Derate above 25
°C
PD
2.1
1.3
0.014
W
W
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
–55 to
175
°C
Single Pulse Drain–to–Source Avalanche
Energy – Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc,
IL(pk) = 6.0 Apk, L = 10 mH, VDS = 60 Vdc)
EAS
65
mJ
Thermal Resistance
– Junction to Ambient (Note 1.)
– Junction to Ambient (Note 2.)
R
θJA
R
θJA
72.3
114
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
1. When surface mounted to an FR4 board using 1
″ pad size,
(Cu. Area 1.127 in2).
2. When surface mounted to an FR4 board using minimum recommended pad
size, 2–2.4 oz. (Cu. Area 0.272 in2).
D
G
S
1
2
3
4
2.0 AMPERES
60 VOLTS
RDS(on) = 160 mW
N–Channel
Device
Package
Shipping
ORDERING INFORMATION
NTF3055–160T1
SOT–223
1000 Tape & Reel
SOT–223
CASE 318E
STYLE 3
http://onsemi.com
MARKING
DIAGRAM
5160
5160
= Device Code
L
= Location Code
WW
= Work Week
PIN ASSIGNMENT
3
2
1
4
Gate
Drain Source
Drain
NTF3055–160T3
SOT–223
4000 Tape & Reel
NTF3055–160T3LF
SOT–223
4000 Tape & Reel
LWW


Similar Part No. - NTF3055-160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF3055-100 ONSEMI-NTF3055-100 Datasheet
70Kb / 6P
   Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
NTF3055-100 ONSEMI-NTF3055-100 Datasheet
80Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 5
NTF3055-100T1 ONSEMI-NTF3055-100T1 Datasheet
70Kb / 6P
   Power MOSFET 3.0 Amps 60 Volts N?묬hannel
February, 2006 ??Rev. 3
NTF3055-100T1G ONSEMI-NTF3055-100T1G Datasheet
113Kb / 6P
   Power MOSFET 3.0 Amps, 60 Volts
October, 2011 ??Rev. 4
NTF3055-100T1G ONSEMI-NTF3055-100T1G Datasheet
80Kb / 6P
   Power MOSFET
July, 2016 ??Rev. 5
More results

Similar Description - NTF3055-160

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
   Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
logo
Unisonic Technologies
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
70N06 UTC-70N06 Datasheet
158Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com