Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17510EJ Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC17510EJ
Description  1.2 A 15 V H-Bridge Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17510EJ Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC17510EJ Datasheet HTML 4Page - Motorola, Inc MPC17510EJ Datasheet HTML 5Page - Motorola, Inc MPC17510EJ Datasheet HTML 6Page - Motorola, Inc MPC17510EJ Datasheet HTML 7Page - Motorola, Inc MPC17510EJ Datasheet HTML 8Page - Motorola, Inc MPC17510EJ Datasheet HTML 9Page - Motorola, Inc MPC17510EJ Datasheet HTML 10Page - Motorola, Inc MPC17510EJ Datasheet HTML 11Page - Motorola, Inc MPC17510EJ Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
17510
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
10
PACKAGE DIMENSIONS
MTB SUFFIX
EJ (Pb-FREE) SUFFIX
24-LEAD TSSOP WIDE BODY
PLASTIC PACKAGE
CASE 948K-01
ISSUE O
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
7.70
7.90
0.303
0.311
B
5.50
5.70
0.216
0.224
C
---
1.20
---
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
7.60 BSC
0.299 BSC
M
0
8
0
8
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH OR
GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER
SIDE.
4.
DIMENSIONBDOESNOTINCLUDEINTERLEADFLASH
OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED
0.25 (0.010) PER SIDE.
5.
DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL CONDITION.
6.
TERMINAL NUMBERS ARE SHOWN FOR REFERENCE
ONLY.
7.
DIMENSION A AND B ARE TO BE DETERMINED AT
DATUM PLANE -W-.
°°
°
°
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
-U-
SEATING
PLANE
0.10 (0.004)
-T-
DETAIL E
DETAIL E
F
M
-W-
0.25 (0.010)
13
24
12
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
-V-
24X
REF
K
N
N
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17510EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17510EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
17510 FREESCALE-17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com