Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17510EJ Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC17510EJ
Description  1.2 A 15 V H-Bridge Motor Driver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17510EJ Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC17510EJ Datasheet HTML 2Page - Motorola, Inc MPC17510EJ Datasheet HTML 3Page - Motorola, Inc MPC17510EJ Datasheet HTML 4Page - Motorola, Inc MPC17510EJ Datasheet HTML 5Page - Motorola, Inc MPC17510EJ Datasheet HTML 6Page - Motorola, Inc MPC17510EJ Datasheet HTML 7Page - Motorola, Inc MPC17510EJ Datasheet HTML 8Page - Motorola, Inc MPC17510EJ Datasheet HTML 9Page - Motorola, Inc MPC17510EJ Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
17510
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VM = 15 V, VDD = 5.0 V, GND = 0 V unless otherwise noted. Typical values noted
reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT (EN, IN1, IN2, GIN)
Pulse Input Frequency
fIN
––
200
kHz
Input Pulse Rise Time (Note 12)
tR
––
1.0
(Note 13)
µs
Input Pulse Fall Time (Note 14)
tF
––
1.0
(Note 13)
µs
OUTPUT
Propagation Delay Time
Turn-ON Time
Turn-ON Time
Turn-OFF Time
tPZH
tPLH
tPHL
0.3
1.2
0.5
1.0
2.0
1.0
µs
GOUT Output Delay Time (Note 15)
Turn-ON Time
Turn-OFF Time
tTON
tTOFF
10
10
µs
Charge Pump Circuit
Oscillator Frequency
Rise Time (Note 16)
fOSC
tV
CRESon
100
200
0.1
400
1.0
kHz
ms
Low-Voltage Detection Time
tV
DDDET
––
10
ms
Notes
12.
Time is defined between 10% and 90%.
13.
That is, the input waveform slope must be steeper than this.
14.
Time is defined between 90% and 10%.
15.
Load is 500 pF.
16.
Time to charge CRES to 11 V after application of VDD.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17510EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
MPC17510EJ/R2 FREESCALE-MPC17510EJ/R2 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17510EJ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
17510 FREESCALE-17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com