Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MON35W42 Datasheet(PDF) 5 Page - SMSC Corporation

Part # MON35W42
Description  Hardware Monitoring IC with Thermal Diode Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

MON35W42 Datasheet(HTML) 5 Page - SMSC Corporation

  MON35W42 Datasheet HTML 1Page - SMSC Corporation MON35W42 Datasheet HTML 2Page - SMSC Corporation MON35W42 Datasheet HTML 3Page - SMSC Corporation MON35W42 Datasheet HTML 4Page - SMSC Corporation MON35W42 Datasheet HTML 5Page - SMSC Corporation MON35W42 Datasheet HTML 6Page - SMSC Corporation MON35W42 Datasheet HTML 7Page - SMSC Corporation MON35W42 Datasheet HTML 8Page - SMSC Corporation MON35W42 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
KEY SPECIFICATIONS
"# Voltage monitoring accuracy
$1% (Max)
"# Monitoring Temperature Range and Accuracy
- 40
%C to +120%C
$ 3%C (Max)
"# Supply Voltage
5V
"# Operating Supply Current
5 mA typ.
"# ADC Resolution
8 Bits
PIN CONFIGURATION
MON35W42
VREF
VTIN3/PIITD3
VTIN2PIITD2
VTIN1PIITD1
VID0
nOVT
ARDMSEL
nSMI
SA2/IA2
SA1/IA1
SA0/IA0
nCS
37
38
39
40
41
42
43
44
45
46
47
48
24
23
22
21
20
19
18
17
16
15
14
13
VID2
PWMTOUT1
SDA
SCL
FAN1IO
FAN2IO
FAN3I0/PWMOUT2
VID4
CASEOPEN
MR
GNDD
VCC


Similar Part No. - MON35W42

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-AXIAL50-100 VISHAY-MONO-AXIAL50-100 Datasheet
296Kb / 10P
   Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 17-Jan-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
logo
SIKA BUILDING TRUST
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
   Parex® MONOGRIS E
December 2021, Version 01.01
More results

Similar Description - MON35W42

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT7802Y NUVOTON-NCT7802Y Datasheet
2Mb / 87P
   Hardware Monitoring IC with PECI 3.0 interface
logo
Nuvotem Talema
NCT7802Y TALEMA-NCT7802Y Datasheet
1Mb / 87P
   Hardware Monitoring IC NCT7802Y with PECI 3.0 interface
logo
ATMEL Corporation
U6803B ATMEL-U6803B Datasheet
148Kb / 7P
   Triple-Driver IC with Thermal Monitoring
U6803B ATMEL-U6803B_05 Datasheet
165Kb / 6P
   Triple Driver IC with Thermal Monitoring
U6805B ATMEL-U6805B Datasheet
182Kb / 7P
   HEX DRIVER IC WITH THERMAL MONITORING
T6801 ATMEL-T6801_05 Datasheet
228Kb / 6P
   Single-channel Driver IC with Thermal Monitoring
logo
ADL Embedded Solutions
ADLGS45HDS ADL-ADLGS45HDS Datasheet
663Kb / 2P
   Hardware Monitoring
logo
Gamewell-FCI by Honeywe...
SV-SWS GAMEWELL-FCI-SV-SWS Datasheet
88Kb / 2P
   Graphical Monitoring Software and Interface Hardware System
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
   System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
   System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com