Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9718BEBL-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9718BEBL-T
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718BEBL-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9718BEBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX9718BEBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 5V
RL = 4
AV = 2
OUTPUT POWER = 1W
OUTPUT POWER = 50mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 5V
RL = 4
AV = 4
OUTPUT POWER = 1W
OUTPUT POWER = 200mW
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
1k
10k
0.001
0.01
0.1
1
10
0.0001
10
100k
VCC = 5V
RL = 8
AV = 2
OUTPUT POWER = 250mW
OUTPUT POWER = 750mW
Typical Operating Characteristics
(VCC = 5V, CBIAS = 0.1µF, THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
Note 1: All specifications are 100% tested at TA = +25°C. Specifications over temperature (TA = TMIN to TMAX) are guaranteed by
design, not production tested.
Note 2: Quiescent power-supply current is specified and tested with no load. Quiescent power-supply current depends on the offset
voltage when a practical load is connected to the amplifier. Guaranteed by design.
Note 3: Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
Note 4: Output power is specified by a combination of a functional output current test and characterization analysis.
Note 5: Measurement bandwidth for THD+N is 22Hz to 22kHz.
Note 6: Peak voltage measured at power-on, power-off, into or out of SHDN. Bandwidth defined by A-weighted filters, inputs at AC
GND. VCC rise and fall times greater than or equal to 1ms.
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—3V Supply (continued)
(VCC = 3V, GND = 0, SHDN/SHDN = VCC (MAX9718/MAX9719), SHDM = GND (MAX9718), RIN = RF = 10k
Ω (MAX971_A),
TA = +25°C. CBIAS = 0.1µF, no load. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Power
POUT
RL = 8
Ω, THD+N = 1%, fIN = 1kHz (Note 4)
475
mW
Total Harmonic Distortion Plus
Noise
THD+N
RL = 8
Ω, fIN = 1kHz, POUT = 0.25W,
AV = 6dB
0.003
%
Thermal-Shutdown Threshold
+160
°C
Thermal-Shutdown Hysteresis
15
°C
Maximum Capacitive Drive
CLOAD
Bridge-tied capacitance
500
pF
Power-Up/Enable from
Shutdown Time
tPU
10
ms
Shutdown Time
tSHDN
3µs
Turn-Off Transient
VPOP
(Note 6)
40
mV
Crosstalk
MAX9719, fN = 1kHz
-85
dB


Similar Part No. - MAX9718BEBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718BEBL+TG45 MAXIM-MAX9718BEBL+TG45 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
More results

Similar Description - MAX9718BEBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com