Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9718D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9718D
Description  Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9718D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9718D Datasheet HTML 1Page - Maxim Integrated Products MAX9718D Datasheet HTML 2Page - Maxim Integrated Products MAX9718D Datasheet HTML 3Page - Maxim Integrated Products MAX9718D Datasheet HTML 4Page - Maxim Integrated Products MAX9718D Datasheet HTML 5Page - Maxim Integrated Products MAX9718D Datasheet HTML 6Page - Maxim Integrated Products MAX9718D Datasheet HTML 7Page - Maxim Integrated Products MAX9718D Datasheet HTML 8Page - Maxim Integrated Products MAX9718D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Low-Cost, Mono/Stereo,
1.4W Differential Audio Power Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—5V Supply (continued)
(VCC = 5V, GND = 0, SHDN/SHDN = VCC (MAX9718/MAX9719), SHDM = GND (MAX9718), RIN = RF = 10k
Ω (MAX971_A),
TA = +25°C. CBIAS = 0.1µF, no load. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
ELECTRICAL CHARACTERISTICS—3V Supply
(VCC = 3V, GND = 0, SHDN/SHDN = VCC (MAX9718/MAX9719), SHDM = GND (MAX9718), RIN = RF = 10k
Ω (MAX971_A),
TA = +25°C. CBIAS = 0.1µF, no load. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain Accuracy
MAX971_B/MAX971_C/MAX971_D
±1
%
Channel-to-Channel Gain
Matching
MAX9719B/MAX9719C/MAX9719D
±1
%
Signal-to-Noise Ratio
SNR
POUT = 1W, RL = 8
-104
dB
Thermal-Shutdown Threshold
+160
°C
Thermal-Shutdown Hysteresis
15
°C
Maximum Capacitive Drive
CLOAD
Bridge-tied capacitance
500
pF
Power-Up/Enable from
Shutdown Time
tPU
10
ms
Shutdown Time
tSHDN
3.5
µs
Turn-Off Transient
VPOP
(Note 6)
50
mV
Crosstalk
MAX9719, fIN = 1kHz
-85
dB
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
VIN- = VIN+ = VBIAS, TA = -40°C to +85°C,
per amplifier (Note 2)
3.8
6.0
mA
Shutdown Supply Current
ISHDN
SHDN = SHDM = SHDN = GND, per amplifier
0.1
1
µA
VIH
0.7 x VCC
SHDN, SHDN, SHDM
Threshold
VIL
0.3 x VCC
V
Common-Mode Bias Voltage
VBIAS
(Note 3)
VCC/2
- 5%
VCC/2
VCC/2
+ 5%
V
AV = 0dB, MAX971_A/
MAX971_B
±1
±10
AV = 3dB, MAX971_C
±1
±15
Output Offset Voltage
VOS
VIN- = VIN+ = VBIAS
AV = 6dB, MAX971_D
±1
±20
mV
AV = 0dB, MAX971_B
0.5
VCC - 0.7
AV = 3dB, MAX971_C
0.5
VCC - 0.8
Inferred from
CMRR test
AV = 6dB, MAX971_D
0.5
VCC - 1.0
Common-Mode Input Voltage
VIC
External gain, MAX971_A
0.5
VCC - 1.2
V
Input Impedance
RIN
MAX971_B/MAX971_C/MAX971_D
10
15
20
k
-50
-60
Common-Mode Rejection Ratio
CMRR
fN = 1kHz
-70
dB
f = 217Hz
-93
Power-Supply Rejection Ratio
PSRR
VIN- = VIN+ = VBIAS,
VRIPPLE = 200mVP-P,
RL = 8
Ω,
CBIAS = 1µF
f = 1kHz
-90
dB


Similar Part No. - MAX9718D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718DEBL+TG45 MAXIM-MAX9718DEBL+TG45 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718DETB+T MAXIM-MAX9718DETB+T Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718DEUB++ MAXIM-MAX9718DEUB+ Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
More results

Similar Description - MAX9718D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9716 MAXIM-MAX9716_09 Datasheet
405Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 2; 3/09
MAX9716 MAXIM-MAX9716 Datasheet
333Kb / 19P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 0; 1/04
MAX9716 MAXIM-MAX9716_12 Datasheet
450Kb / 21P
   Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers
Rev 3; 3/12
logo
Analog Devices
AD74111YRUZ AD-AD74111YRUZ Datasheet
350Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111_17 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRUZ AD-AD74111YRUZ Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111YRUZ-REEL AD-AD74111YRUZ-REEL Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com