Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9503MEEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9503MEEE
Description  DirectDrive Video Amplifier with Reconstruction Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9503MEEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9503MEEE Datasheet HTML 4Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 5Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 6Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 7Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 8Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 9Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 10Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 11Page - Maxim Integrated Products MAX9503MEEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Detailed Description
The MAX9503 completely eliminates the need for
capacitors in the video output by using Maxim’s
DirectDrive technology that includes an inverting charge
pump and linear regulator. The charge pump and linear
regulator create a clean negative supply allowing the
amplifier output to swing below ground. The amplifier
output can swing both positive and negative so that the
video signal black level can be placed at ground. The
MAX9503 features a six-pole, Butterworth filter to per-
form reconstruction filtering on the video input signal
from the DAC.
DirectDrive
Background
Integrated video filter/amplifier circuits operating from a
single, positive supply usually create video output sig-
nals that are level-shifted above ground to keep the
signal within the linear range of the output amplifier. For
applications in which the positive DC level shift of the
video signal is not acceptable, a series capacitor can
be inserted in the output connection in an attempt to
eliminate the positive DC level shift. The series capaci-
tor cannot truly level shift a video signal because the
average level of the video varies with picture content.
The series capacitor biases the video output signal
around ground, but the actual level of the video signal
can vary significantly depending upon the RC time con-
stant and the picture content.
The series capacitor creates a highpass filter. Since
the lowest frequency in video is the frame rate, which
can be between 24Hz and 30Hz, the pole of the high-
pass filter should ideally be an order of magnitude
lower in frequency than the frame rate. Therefore, the
series capacitor must be very large, typically from
220µF to 3000µF. For space-constrained equipment,
the series capacitor is unacceptable. Changing from a
single series capacitor to a SAG network that requires
two smaller capacitors can only reduce space and
cost slightly.
The series capacitor in the usual output connection
also prevents damage to the output amplifier if the con-
nector is shorted to a supply or to ground. While the
output connection of the MAX9503 does not have a
series capacitor, the MAX9503 will not be damaged if
the connector is shorted to a supply or to ground (see
the Short-Circuit Protection section).
Video Amplifier
Typically, the black level of the video signal created by
the video DAC is around 300mV. The MAX9503 shifts
the black level to ground at the output so that the active
video is above ground, and sync is below ground. The
amplifier needs a negative supply for its output stage to
remain in its linear region when driving sync below
ground.
DirectDrive Video Amplifier with
Reconstruction Filter
8
_______________________________________________________________________________________
Pin Description
PIN
QSOP
TQFN
NAME
FUNCTION
115
VSS
Negative Power Supply. Connect to CPVSS.
216
CPVSS
Charge-Pump Negative Power Supply. Bypass with a 1µF capacitor to CPGND.
31
C1N
Charge-Pump Flying Capacitor Negative Terminal. Connect a 1µF capacitor from C1P to C1N.
42
CPGND
Charge-Pump Power Ground
53
C1P
Charge-Pump Flying Capacitor Positive Terminal. Connect a 1µF capacitor from C1P to C1N.
64
CPVDD
Charge-Pump Positive Power Supply. Bypass with a 1µF capacitor to CPGND.
75
BIAS
Common-Mode Voltage. Connect a 100k
Ω resistor from BIAS to SGND.
86
SGND
Signal Ground. Connect to GND.
97
VIDIN
Video Input
10, 14, 15
8, 12, 14
N.C.
No Connection. Not internally connected. Connect to SGND.
11
9
SHDN
Active-Low Shutdown. Connect to VDD for normal operation.
12
10
GND
Ground. Connect to SGND.
13
11
VDD
Positive Power Supply. Bypass with a 1µF capacitor to SGND.
16
13
VIDOUT
Video Output
—EPEP
Exposed Paddle. Connect to GND.


Similar Part No. - MAX9503MEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500EEE++ MAXIM-MAX9500EEE+ Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500EEE++ MAXIM-MAX9500EEE+ Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
MAX9500ESE++ MAXIM-MAX9500ESE+ Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
More results

Similar Description - MAX9503MEEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
   2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
   4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
   4-Channel Video Reconstruction Filter
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
   1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
logo
Maxim Integrated Produc...
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
   1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
   3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com