Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8718 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8718
Description  High-Voltage, Low-Power Linear Regulators for Notebook Computers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8718 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8718 Datasheet HTML 1Page - Maxim Integrated Products MAX8718 Datasheet HTML 2Page - Maxim Integrated Products MAX8718 Datasheet HTML 3Page - Maxim Integrated Products MAX8718 Datasheet HTML 4Page - Maxim Integrated Products MAX8718 Datasheet HTML 5Page - Maxim Integrated Products MAX8718 Datasheet HTML 6Page - Maxim Integrated Products MAX8718 Datasheet HTML 7Page - Maxim Integrated Products MAX8718 Datasheet HTML 8Page - Maxim Integrated Products MAX8718 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
High-Voltage, Low-Power Linear Regulators for
Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +30V
SHDN to GND ..............................................-0.3V to (VIN + 0.3V)
5/3 (MAX8718) to GND.............................................-0.3V to +6V
FB (MAX8719) to GND .............................................-0.3V to +6V
OUT (MAX8718) to GND ..........................................-0.3V to +6V
OUT (MAX8719) to GND ........................................-0.3V to +30V
VCC to GND (MAX8718) ...........................................-0.3V to +6V
VCC to GND (MAX8719) ........................................-0.3V to +2.7V
PGOOD to GND .....................................................-0.3V to +30V
I.C. to GND ...............................................................-0.3V to +6V
OUT Short Circuit to GND.......................................................30s
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 24.4mW/°C above +70°C) ..........1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1. VIN = 15V, IOUT = 5µA, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
428
V
SHDN = IN, TA = +25
°C12
18
µs
Supply Current (MAX8718)
IIN
SHDN = IN, VIN = 6V to 28V
25
µA
0V < VCC < 2.7V, TA = +25
°C
-0.1
+0.1
VCC Input Current (MAX8719)
0V < VCC < 2.7V, TA = 0
°C to +85°C
0.04
µA
0V < VCC < 5.5V, TA = +25
°C
3.4
VCC Input Current (MAX8718)
0V < VCC < 5.5V, TA = 0
°C to +85°C
2.3
µA
OUT Minimum Load Current
5µA
Shutdown Supply Current
SHDN = 0V
1.2
3
µA
Dropout Supply Current
VOUT set to 5V, VIN = 4.7V
85
µA
VIN = 6V to 28V, ILOAD = 1mA, 5/3 = GND,
TA = +25
°C
3.26
3.33
3.40
VIN = 6V to 28V, ILOAD = 1mA, 5/3 = OUT,
TA = +25
°C
4.95
5.05
5.15
VIN = 6V to 28V, ILOAD = 5µA to 100mA,
5/3 = GND
3.15
3.48
OUT Output Voltage (MAX8718)
VIN = 6V to 28V, ILOAD = 5µA to 100mA,
5/3 = OUT
4.75
5.25
V
FB = OUT, VIN = 6V to 28V, ILOAD = 1mA
1.215
1.240
1.265
FB Threshold (MAX8719)
VFB
FB = OUT, VIN = 6V to 28V,
ILOAD = 5µA to 100mA (Note 2)
1.18
1.28
V
VFB = 1.3V, TA = +25
°C
-30
+30
FB Input Current (MAX8719)
IFB
VFB = 1.3V, TA = 0
°C to +85°C15
nA
V5/3 = 5V, TA = +25
°C
-30
+30
5/3 Input Current (MAX8718)
I5/3
V5/3 = 5V, TA = 0
°C to +85°C2
nA
Dropout Voltage
VDROPOUT ILOAD = 100mA (Note 3)
560
mV


Similar Part No. - MAX8718

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX871 MAXIM-MAX871 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX8710 MAXIM-MAX8710 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710-MAX8761 MAXIM-MAX8710-MAX8761 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710ETG++ MAXIM-MAX8710ETG+ Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8711 MAXIM-MAX8711 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
More results

Similar Description - MAX8718

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1615 MAXIM-MAX1615 Datasheet
92Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
19-1225; Rev 2; 1/98
MAX1615EUK MAXIM-MAX1615EUK Datasheet
108Kb / 8P
   High-Voltage, Low-Power Linear Regulators for Notebook Computers
Rev 3; 9/04
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com