Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6634 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6634
Description  12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6634 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6634 Datasheet HTML 7Page - Maxim Integrated Products MAX6634 Datasheet HTML 8Page - Maxim Integrated Products MAX6634 Datasheet HTML 9Page - Maxim Integrated Products MAX6634 Datasheet HTML 10Page - Maxim Integrated Products MAX6634 Datasheet HTML 11Page - Maxim Integrated Products MAX6634 Datasheet HTML 12Page - Maxim Integrated Products MAX6634 Datasheet HTML 13Page - Maxim Integrated Products MAX6634 Datasheet HTML 14Page - Maxim Integrated Products MAX6634 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Temperature Alert
(MAX6634/MAX6635)
ALERT has programmable polarity and two modes:
comparator and interrupt. Polarity and mode are select-
ed through the Configuration register (Table 4). The
ALERT output is open drain.
Interrupt Mode
With ALERT in interrupt mode, the MAX6634/MAX6635
look for a THIGH or a TLOW fault. The ALERT pin asserts
an alarm for an undertemperature fault, as well as for
an overtemperature fault. Once either fault has
occurred, it remains active until deasserted by a read
of any register. The device then begins to look for a
temperature change crossing the hysteresis level. The
activation of ALERT is subject to the depth of the fault
queue.
For example: If THIGH is set to 100°C, THYST is set to
20°C, and the fault queue depth is set to 4, ALERT
does not assert until four consecutive conversions
exceed 100°C. If the temperature is then read through
the I2C-compatible interface, ALERT deasserts. ALERT
asserts again when four consecutive conversions are
less than 80°C.
Comparator Mode
In comparator mode, ALERT is asserted when the num-
ber of consecutive conversions exceeding the value in
the THIGH register, or lower than the value in the TLOW
register, is equal to the depth of the fault queue. ALERT
deasserts when the number of consecutive conversions
less than THIGH - THYST or greater than TLOW + THYST
is equal to the depth of the fault queue.
For example: If THIGH is set to 100°C, TLOW is set to
80°C, and the fault queue depth is set to four, ALERT
does not assert until four consecutive conversions
exceed 100°C, or are below 80°C. ALERT only
deasserts if four consecutive conversions are less than
THIGH - THYST or greater than TLOW + THYST.
Comparator mode allows autonomous clearing of an
ALERT fault without the intervention of a master and is
ideal to use for driving a thermostat (Figure 10).
Overtemperature Alarm (MAX6635)
The MAX6635 also includes an overtemperature output
that is always in comparator mode. Whenever the tem-
perature exceeds a value in the programmable TMAX
register, OVERT is asserted. OVERT only deasserts
after the temperature drops below TMAX - THYST. When
the fault queue is activated, OVERT is subject to that
queue, which sets the number of faults that must occur
before OVERT asserts or deasserts. This helps prevent
spurious alarms in noisy environments.
Comparator mode also allows autonomous clearing of
an OVERT fault without the intervention of a master and
thus is ideal to use for driving a cooling fan (Figure 11).
In this application, the polarity of OVERT is active high.
Shutdown
The MAX6633/MAX6634/MAX6635 feature a shutdown
mode, accessible through the serial interface that
saves power by turning off everything except the POR
12-Bit Plus Sign Temperature Sensors with
SMBus/I2C-Compatible Serial Interface
______________________________________________________________________________________
11
3
8
VCC
+3V TO +5.5V
MAX6634
RELAY
5VDC, 20mA
125VAC, 1A
2N3904
HEATER
SUPPLY
HEATER
4
4k
ALERT
Figure 10. Simple Thermostat
3
10k
8
VCC
+3V TO +5.5V
+12V
MAX6635
4
12V 300mA
MOTOR
FAN
LOGIC-LEVEL
MOSFET
OVERT
Figure 11. Fan Controller


Similar Part No. - MAX6634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6634MSA MAXIM-MAX6634MSA Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
More results

Similar Description - MAX6634

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6662 MAXIM-MAX6662 Datasheet
133Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Rev 0; 7/01
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6625 MAXIM-MAX6625 Datasheet
1Mb / 13P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6626 MAXIM-MAX6626 Datasheet
1Mb / 13P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6625 MAXIM-MAX6625_V01 Datasheet
1Mb / 14P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com