Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6634MSA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6634MSA
Description  12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6634MSA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6634MSA Datasheet HTML 5Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 6Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 7Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 8Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 9Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 10Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 11Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 12Page - Maxim Integrated Products MAX6634MSA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
12-Bit Plus Sign Temperature Sensors with
SMBus/I2C-Compatible Serial Interface
_______________________________________________________________________________________
9
INTERFACE
TEMPERATURE
(READ ONLY)
POINTER = 00h
CONFIGURATION
(READ/WRITE, SETS OPERATING
MODES)
POINTER = 01h
POINTER REGISTER
(SELECTS REGISTER FOR
COMMUNICATION)
DATA
ADDRESS
SDA
SCL
THYST SET POINT
(READ/WRITE)
POINTER = 02h
(MAX6634/MAX6635 ONLY)
TLOW SET POINT
(READ/WRITE)
POINTER = 04h
(MAX6634/MAX6635 ONLY)
TMAX SET POINT
(READ/WRITE)
POINTER = 03h
(MAX6635 ONLY)
THIGH SET POINT
(READ/WRITE)
POINTER = 05h
(MAX6634/MAX6635 ONLY)
Figure 8. MAX6633/MAX6634/MAX6635 Programmer’s Model


Similar Part No. - MAX6634MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6634MSA MAXIM-MAX6634MSA Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
More results

Similar Description - MAX6634MSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6662 MAXIM-MAX6662 Datasheet
133Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Rev 0; 7/01
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
MAX6625 MAXIM-MAX6625 Datasheet
1Mb / 13P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6626 MAXIM-MAX6626 Datasheet
1Mb / 13P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6625 MAXIM-MAX6625_V01 Datasheet
1Mb / 14P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com