Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5264ACMH Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5264ACMH
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5264ACMH Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5264ACMH Datasheet HTML 4Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 5Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 6Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 7Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 8Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 9Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 10Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 11Page - Maxim Integrated Products MAX5264ACMH Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface for ATE
8
_______________________________________________________________________________________
Pin Description (continued)
FUNCTION
NAME
PIN
DAC H Buffered Output Voltage
OUTH
32
DAC G Buffered Output Voltage
OUTG
34
Device Sense Ground Input for OUTE and OUTF. In normal operation, OUTE and OUTF are referenced
to DUTGNDEF. When CLR is low, OUTE and OUTF are forced to the potential on DUTGNDEF.
DUTGNDEF
36
DAC F Buffered Output Voltage
OUTF
35
Device Sense Ground Input for OUTG and OUTH. In normal operation, OUTG and OUTH are referenced
to DUTGNDGH. When CLR is low, OUTG and OUTH are forced to the potential on DUTGNDGH.
DUTGNDGH
33
Positive Reference Input for DACs C, D, E, and F
REFCDEF+
39
DAC D Buffered Output Voltage
OUTD
41
Negative Reference Input for DACs C, D, E, and F
REFCDEF-
40
DAC C Buffered Output Voltage
OUTC
43
DAC B Buffered Output Voltage
OUTB
44
Device Sense Ground Input for OUTC and OUTD. In normal operation, OUTC and OUTD are referenced
to DUTGNDCD. When CLR is low, OUTC and OUTD are forced to the potential on DUTGNDCD.
DUTGNDCD
42
DAC E Buffered Output Voltage
OUTE
37


Similar Part No. - MAX5264ACMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX526 MAXIM-MAX526 Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526-MAX527 MAXIM-MAX526-MAX527 Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526CCNG MAXIM-MAX526CCNG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526CCWG MAXIM-MAX526CCWG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526CENG MAXIM-MAX526CENG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
More results

Similar Description - MAX5264ACMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com