Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3207E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3207E
Description  Dual, Quad, and Hex High-Speed Differential ESD-Protection ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3207E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3207E Datasheet HTML 2Page - Maxim Integrated Products MAX3207E Datasheet HTML 3Page - Maxim Integrated Products MAX3207E Datasheet HTML 4Page - Maxim Integrated Products MAX3207E Datasheet HTML 5Page - Maxim Integrated Products MAX3207E Datasheet HTML 6Page - Maxim Integrated Products MAX3207E Datasheet HTML 7Page - Maxim Integrated Products MAX3207E Datasheet HTML 8Page - Maxim Integrated Products MAX3207E Datasheet HTML 9Page - Maxim Integrated Products MAX3207E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
±15kV ESD Protection
ESD protection can be tested in various ways. The
MAX3205E/MAX3207E/MAX3208E are characterized
for protection to the following limits:
• ±15kV using the Human Body Model
• ±8kV using the Contact Discharge Method specified
in IEC 61000-4-2
• ±15kV using the IEC 61000-4-2 Air-Gap Discharge
Method
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
Human Body Model
Figure 3 shows the Human Body Model, and Figure 4
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the device through a
1.5k
Ω resistor.
IEC 61000-4-2
The IEC 61000-4-2 standard covers ESD testing and
performance of finished equipment. The MAX3205E/
MAX3207E/MAX3208E help users design equipment
that meets Level 4 of IEC 61000-4-2. The main differ-
ence between tests done using the Human Body Model
and IEC 61000-4-2 is higher peak current in IEC 61000-
4-2. Because series resistance is lower in the IEC
61000-4-2 ESD test model (Figure 5), the ESD-
withstand voltage measured to this standard is general-
ly lower than that measured using the Human Body
Model. Figure 2 shows the current waveform for the
±8kV, IEC 61000-4-2 Level 4, ESD Contact Discharge
test. The Air-Gap Discharge test involves approaching
the device with a charged probe. The Contact
Discharge method connects the probe to the device
before the probe is energized.
Dual, Quad, and Hex High-Speed
Differential ESD-Protection ICs
6
_______________________________________________________________________________________
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1.5k
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 3. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 4. Human Body Model Current Waveform
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
150pF
RC
50
Ω to 100Ω
RD
330
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 5. IEC 61000-4-2 ESD Test Model


Similar Part No. - MAX3207E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX320-MAX322 MAXIM-MAX320-MAX322 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX32000 MAXIM-MAX32000 Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32000EVKIT MAXIM-MAX32000EVKIT Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32010 MAXIM-MAX32010 Datasheet
2Mb / 31P
   25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
More results

Similar Description - MAX3207E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
logo
Infineon Technologies A...
BGF113 INFINEON-BGF113 Datasheet
680Kb / 7P
   Differential Microphone Filter and ESD Protection
V3.1, Jan 2009
logo
NXP Semiconductors
PESD5V0X1U NXP-PESD5V0X1U Datasheet
1Mb / 2P
   High-performance ESD protection for sensitive ICs
August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com