Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1947ETAXY Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1947ETAXY
Description  Low Input/Output Voltage Step-Up DC-DC Converter with RESET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1947ETAXY Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1947ETAXY Datasheet HTML 2Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 3Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 4Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 5Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 6Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 7Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 8Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 9Page - Maxim Integrated Products MAX1947ETAXY Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Shutdown
The MAX1947 enters shutdown mode when SHDN is
driven low. During shutdown, the synchronous rectifier
disconnects the output from the input, eliminating the DC
conduction path that normally exists with traditional boost
converters in shutdown mode. The output is actively dis-
charged to ground through an internal 500Ω resistor. The
quiescent current is reduced to 2µA while in shutdown
mode. Drive SHDN high for normal operation. The output
reaches regulation approximately 650µs after SHDN
goes high.
Applications Information
Inductor Selection
An inductor value of 4.7µH performs well in most appli-
cations. The MAX1947 also works with inductors in the
2.2µH to 6.8µH range. Smaller inductance values typi-
cally offer a smaller physical size for a given series
resistance, allowing the smallest overall circuit dimen-
sions but with lower output-current capability. Circuits
using larger inductance values exhibit higher output-
current capability, but are larger for the same series
resistance and current rating.
The inductor’s incremental saturation current rating
should be greater than the peak switch-current limit.
However, it is generally acceptable to bias the inductor
into saturation by as much as 20%, although this
slightly reduces efficiency (see the Electrical
Characteristics for the MAX1947 NFET current limit).
Table 1 lists the suggested components for several typ-
ical applications. Also, the inductor’s DC resistance sig-
nificantly affects efficiency.
Low Input/Output Voltage
Step-Up DC-DC Converter with RESET
8
_______________________________________________________________________________________
APPLICATION
LOAD
INPUT CAPACITOR (µF)
OUTPUT CAPACITOR (µF)
INDUCTOR (µH)
≤50% full load
2.2
4.7
3.3
1-Cell Input,
Output < 2.7V
>50% full load
2.2
10
3.3
≤50% full load
2.2
4.7
4.7
1-Cell Input,
Output > 2.7V
>50% full load
2.2
10
4.7
≤50% full load
2.2
4.7
6.8
2-Cell Input
>50% full load
2.2
10
6.8
Table 1. Suggested Component Values
MANUFACTURER
PART
PART NUMBER
PHONE
WEBSITE
Sumida
Inductor
CDRH3D16 series
81-3-3667-3381
www.sumida.com
Output capacitors
4.7µF JMK212BJ475MG,
10µF JMK212BJ106MG
Taiyo Yuden
Input capacitors
2.2µF LMK107BJ225MA
408-573-4150
www.t-yuden.com
Output capacitors
4.7µF C2012X5R0J475K,
10µF C2012X5R0J106K
TDK
Input capacitors
2.2µF C1608X5R03225M
888-835-6646
www.TDK.com
Table 2. Suggested Component Manufacturers


Similar Part No. - MAX1947ETAXY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947ETAXY+T MAXIM-MAX1947ETAXY+T Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947ETAXY-T MAXIM-MAX1947ETAXY-T Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
More results

Similar Description - MAX1947ETAXY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947 MAXIM-MAX1947_V01 Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com