Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3501TLX-21 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3501TLX-21
Description  Synchronous Step-up DC/DC Converter for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3501TLX-21 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3501TLX-21 Datasheet HTML 1Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 2Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 3Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 4Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 5Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 6Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 7Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 8Page - National Semiconductor (TI) LM3501TLX-21 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3V to 7.5V
V
OUT (LM3501-16)(Note 2)
−0.3V to 16V
V
OUT (LM3501-21)(Note 2)
−0.3V to 21V
V
SW (Note 2)
−0.3V to V
OUT+0.3V
FB Voltage
−0.3V to 7.5V
SHDN Voltage
−0.3V to V
IN+0.3V
CNTRL
−0.3V to 7.5V
Maximum Junction Temperature
150˚C
Lead Temperature
(Soldering 10 sec.)
300˚C
Vapor Phase
(60 sec.)
215˚C
Infrared
(15 sec.)
220˚C
ESD Ratings (Note 3)
Human Body Model
2kV
Machine Model
200V
Operating Conditions
Junction Temperature
(Note 4)
−40˚C to +125˚C
Supply Voltage
2.7V to 7V
CNTRL Max.
2.7V
Thermal Properties
Junction to Ambient Thermal
Resistance (
θ
JA) (Note 5)
75˚C/W
Electrical Characteristics
Specifications in standard type face are for T
A = 25˚C and those in boldface type apply over the Operating Temperature
Range of T
A = −10˚C to +85˚C. Unless otherwise specified VIN = 2.7V and specifications apply to both LM3501-16 and
LM3501-21.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 7)
Max
(Note 6)
Units
I
Q
Quiescent Current, Device Not
Switching
FB > 0.54V
0.95
1.2
mA
Quiescent Current, Device
Switching
FB=0V
2
2.5
Shutdown
SHDN = 0V
0.1
2
µA
V
FB
Feedback Voltage
CNTRL = 2.7V,
V
IN = 2.7V to 7V
0.485
0.515
0.545
V
CNTRL = 1V,
V
IN = 2.7V to 7V
0.14
0.19
0.24
∆V
FB
Feedback Voltage Line
Regulation
V
IN = 2.7V to 7V
0.1
0.5
%/V
I
CL
Switch Current Limit
(LM3501-16)
V
IN = 2.7V,
Duty Cycle = 80%
275
400
480
mA
V
IN = 3.0V,
Duty Cycle = 70%
255
400
530
Switch Current Limit
(LM3501-21)
V
IN = 2.7V,
Duty Cycle = 70%
420
640
770
V
IN = 3.0V,
Duty Cycle = 63%
450
670
800
I
B
FB Pin Bias Current
FB = 0.5V (Note 8)
45
200
nA
V
IN
Input Voltage Range
2.7
7.0
V
R
DSON
NMOS Switch R
DSON
V
IN = 2.7V, ISW = 300 mA
0.43
PMOS Switch R
DSON
V
OUT = 6V, ISW = 300 mA
1.3
2.3
D
Limit
Duty Cycle Limit
(LM3501-16)
FB=0V
80
87
%
Duty Cycle Limit
(LM3501-21)
FB=0V
85
94
F
SW
Switching Frequency
0.85
1.0
1.15
MHz
www.national.com
3


Similar Part No. - LM3501TLX-21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3501TLX-21/NOPB TI1-LM3501TLX-21/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results

Similar Description - LM3501TLX-21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
[Old version datasheet]   LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
   DC-DC Step-Up Converter for White LED
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
   White LED DC/DC Step-Up Converter
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com