Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT2062A Datasheet(PDF) 8 Page - International Rectifier

Part # IRPT2062A
Description  Power Module for 3 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT2062A Datasheet(HTML) 8 Page - International Rectifier

Back Button IRPT2062A Datasheet HTML 4Page - International Rectifier IRPT2062A Datasheet HTML 5Page - International Rectifier IRPT2062A Datasheet HTML 6Page - International Rectifier IRPT2062A Datasheet HTML 7Page - International Rectifier IRPT2062A Datasheet HTML 8Page - International Rectifier IRPT2062A Datasheet HTML 9Page - International Rectifier IRPT2062A Datasheet HTML 10Page - International Rectifier IRPT2062A Datasheet HTML 11Page - International Rectifier IRPT2062A Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
page8
IRPT2062A
Figure 8b.
IRPT2062A Mechanical Specifications
NOTE: Dimensions are in inches (millimeters)
2X R .250 [6.35]
PIN CENTER
.000 [ 0.00]
.187 [4.75]
.175 [4.45]
2X
ALL PIN COORDINATE DIMENSIONS ARE BASIC
PIN CENTER
1.020 [25.91]
B
HATCHED SURFACE
.010
E-F
M
.019
E-F G B-C
M
E
A
3.420 [86.87]
.002
[2.64
0.05]
MINUS DRAFT X .400
.400 [10.16]
.800 [20.32]
G
2X .104
C
4X .260 [6.60]
HATCHED SURFACE
1.020 [25.91]
.010
A B-C
S
MOUNTING SURFACE IN CLAMPED CONDITION
F
31X .050 [1.27]
31X ( .026 - .024)
±
±
31X
.037 - .034
PIN DIAGONAL
[.940 - .864]
Ø
Ø
Ø
Ø
Ø


Similar Part No. - IRPT2062A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060C IRF-IRPT2060C Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060D IRF-IRPT2060D Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
More results

Similar Description - IRPT2062A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
IRPT1061A IRF-IRPT1061A Datasheet
256Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1065A IRF-IRPT1065A Datasheet
206Kb / 12P
   Power Module for 1 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com