Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV25128WF Datasheet(PDF) 11 Page - ON Semiconductor

Part # NV25128WF
Description  EEPROM Serial 128-Kb SPI
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25128WF Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NV25128WF Datasheet HTML 5Page - ON Semiconductor NV25128WF Datasheet HTML 6Page - ON Semiconductor NV25128WF Datasheet HTML 7Page - ON Semiconductor NV25128WF Datasheet HTML 8Page - ON Semiconductor NV25128WF Datasheet HTML 9Page - ON Semiconductor NV25128WF Datasheet HTML 10Page - ON Semiconductor NV25128WF Datasheet HTML 11Page - ON Semiconductor NV25128WF Datasheet HTML 12Page - ON Semiconductor NV25128WF Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UDFN8 2x3, 0.5P
CASE 517DH
ISSUE O
DATE 06 NOV 2015
SCALE 2:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.25MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. FOR DEVICE OPN CONTAINING W OPTION,
DETAIL B ALTERNATE CONSTRUCTION IS
NOT APPLICABLE.
A
D
E
B
C
0.05
PIN ONE
INDICATOR
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
D2
E2
C
C
0.10
C
0.08
A1
SEATING
PLANE
NOTE 3
b
8X
0.10
C
0.05
C
A B
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
2.00 BSC
D2
1.30
1.50
E
3.00 BSC
E2
1.30
1.50
e
0.50 BSC
L
0.30
0.50
1
4
8
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
PITCH
1.55 3.40
1
DIMENSIONS: MILLIMETERS
1
NOTE 4
0.30
8X
DETAIL A
A3
0.13 REF
A3
A
DETAIL B
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
L1
−−−
0.15
e
RECOMMENDED
5
1.56
GENERIC
MARKING DIAGRAM*
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.
XXXXX
AWLYW
G
1
M
M
0.68
C
0.05
8X
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
REFERENCE:
DESCRIPTION:
98AON06579G
ON SEMICONDUCTOR STANDARD
UDFN8 2X3, 0.5P
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - NV25128WF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25128 ONSEMI-NV25128 Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25128DTHFT3G ONSEMI-NV25128DTHFT3G Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25128DWHFT3G ONSEMI-NV25128DWHFT3G Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
NV25128MUW ONSEMI-NV25128MUW Datasheet
250Kb / 12P
   EEPROM Serial 128-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
NV25128MUW3VTBG ONSEMI-NV25128MUW3VTBG Datasheet
250Kb / 12P
   EEPROM Serial 128-Kb SPI Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 3
More results

Similar Description - NV25128WF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
NV25128 ONSEMI-NV25128 Datasheet
302Kb / 13P
   EEPROM Serial 128/256 kb SPI Automotive Grade 0
March, 2022 - Rev. 0
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com