Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NV25010WF Datasheet(PDF) 3 Page - ON Semiconductor

Part # NV25010WF
Description  EEPROM Serial 1/2/4-Kb SPI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25010WF Datasheet(HTML) 3 Page - ON Semiconductor

  NV25010WF Datasheet HTML 1Page - ON Semiconductor NV25010WF Datasheet HTML 2Page - ON Semiconductor NV25010WF Datasheet HTML 3Page - ON Semiconductor NV25010WF Datasheet HTML 4Page - ON Semiconductor NV25010WF Datasheet HTML 5Page - ON Semiconductor NV25010WF Datasheet HTML 6Page - ON Semiconductor NV25010WF Datasheet HTML 7Page - ON Semiconductor NV25010WF Datasheet HTML 8Page - ON Semiconductor NV25010WF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NV25010WF, NV25020WF, NV25040WF
www.onsemi.com
3
Table 5. AC CHARACTERISTICS (TA = −40°C to +125°C) (Note 4)
Symbol
Parameter
VCC = 1.8 V − 5.5 V
VCC = 2.5 V − 5.5 V
Unit
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
20
10
ns
tH
Data Hold Time
20
10
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD to Output Low Z
50
25
ns
tRI (Note 5)
Input Rise Time
2
2
ms
tFI (Note 5)
Input Fall Time
2
2
ms
tHD
HOLD Setup Time
0
0
ns
tCD
HOLD Hold Time
10
10
ns
tV
Output Valid from Clock Low
80
35
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD to Output High Z
100
25
ns
tCS
CS High Time
80
40
ns
tCSS
CS Setup Time
60
30
ns
tCSH
CS Hold Time
60
30
ns
tCNS
CS Inactive Setup Time
60
20
ns
tCNH
CS Inactive Hold Time
60
20
ns
tWPS
WP Setup Time
10
10
ns
tWPH
WP Hold Time
15
15
ns
tWC (Note 6)
Write Cycle Time
5
5
ms
4. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC and 0.2 VCC to 0.8 VCC at VCC = 1.8 V − 2.5 V
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 30 pF
5. This parameter is tested initially and after a design or process change that affects the parameter.
6. tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
Table 6. POWER−UP TIMING (Notes 7, 8)
Symbol
Parameter
Min
Max
Unit
tPUR
Power−up to Read Operation
0.1
1
ms
tPUW
Power−up to Write Operation
0.1
1
ms
7. This parameter is tested initially and after a design or process change that affects the parameter.
8. tPUR and tPUW are the delays required from the time VCC is stable at the operating voltage until the specified operation can be initiated.


Similar Part No. - NV25010WF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010DTHFT3G ONSEMI-NV25010DTHFT3G Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010DTVLT3G ONSEMI-NV25010DTVLT3G Datasheet
312Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI Low Voltage Automotive Grade 1
March, 2019 - Rev. 2
NV25010DWHFT3G ONSEMI-NV25010DWHFT3G Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
NV25010DWVLT3G ONSEMI-NV25010DWVLT3G Datasheet
312Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI Low Voltage Automotive Grade 1
March, 2019 - Rev. 2
More results

Similar Description - NV25010WF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25010 ONSEMI-NV25010 Datasheet
271Kb / 15P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAT25010 ONSEMI-CAT25010_18 Datasheet
308Kb / 17P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 26
CAV25010 ONSEMI-CAV25010_18 Datasheet
265Kb / 14P
   EEPROM Serial 1/2/4-Kb SPI
June, 2018 ??Rev. 1
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
CAT64LC40 ONSEMI-CAT64LC40 Datasheet
148Kb / 12P
   4 kb SPI Serial EEPROM
September, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com