Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR928-6C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IR928-6C
Description  EVERLIGHTs Infrared Emitting Diode IR928-6C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IR928-6C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IR928-6C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 1 of 7
Device No:CDIR-090-005
Prepared date:2003/3/31
Prepared by: Denky
Technical Data Sheet
Side Face Infrared LED
IR928-6C
Features
․High reliability
․High radiant intensity
․Peak wavelength λp=940nm
․2.54mm Lead spacing
․Low forward voltage
․Pb free
Descriptions
․EVERLIGHT’s Infrared Emitting Diode IR928-6C is a
high intensity diode , molded in a water clear plastic package.
The miniature side- facing device has a chip ,
that emits radiation from the side of the clear package.
Applications
‧Mouse
‧Optoelectronic switch
‧Infrared applied system
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
IR
GaAlAs
Water clear


Similar Part No. - IR928-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR928-6C EVERLIGHT-IR928-6C Datasheet
357Kb / 6P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
195Kb / 8P
   1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
336Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
341Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
328Kb / 7P
   Opto Interrupter
More results

Similar Description - IR928-6C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR908-7C ETC-IR908-7C Datasheet
186Kb / 7P
   EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
logo
OPTEK Technologies
OP270 OPTEK-OP270 Datasheet
339Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
OP280 OPTEK-OP280 Datasheet
261Kb / 3P
   Infrared Light Emitting Diode in SMT Plastic Package
logo
TT Electronics.
OP270 TTELEC-OP270 Datasheet
298Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
logo
List of Unclassifed Man...
OED-EL-1L2 ETC1-OED-EL-1L2 Datasheet
55Kb / 1P
   t-5mm, 940nm INFRARED EMITTING DIODE, WATER CLEAR LENS
logo
NTE Electronics
NTE3002 NTE-NTE3002 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, Yellow
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com