Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR928-6C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IR928-6C
Description  EVERLIGHTs Infrared Emitting Diode IR928-6C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IR928-6C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IR928-6C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR928-6C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 6 of 7
Device No:CDIR-090-005
Prepared date:2003/3/31
Prepared by: Denky
IR928-6C
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle H : +85℃
30mins
5mins
L : -55℃
30mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+100℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+100℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-55℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Similar Part No. - IR928-6C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR928-6C EVERLIGHT-IR928-6C Datasheet
357Kb / 6P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
195Kb / 8P
   1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
336Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
341Kb / 7P
   Opto Interrupter
IR928-6C-F EVERLIGHT-IR928-6C-F Datasheet
328Kb / 7P
   Opto Interrupter
More results

Similar Description - IR928-6C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR908-7C ETC-IR908-7C Datasheet
186Kb / 7P
   EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
logo
OPTEK Technologies
OP270 OPTEK-OP270 Datasheet
339Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
OP280 OPTEK-OP280 Datasheet
261Kb / 3P
   Infrared Light Emitting Diode in SMT Plastic Package
logo
TT Electronics.
OP270 TTELEC-OP270 Datasheet
298Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
logo
List of Unclassifed Man...
OED-EL-1L2 ETC1-OED-EL-1L2 Datasheet
55Kb / 1P
   t-5mm, 940nm INFRARED EMITTING DIODE, WATER CLEAR LENS
logo
NTE Electronics
NTE3002 NTE-NTE3002 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, Yellow
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com