Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR908-7C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # IR908-7C
Description  EVERLIGHTs Infrared Emitting Diode IR908-7C is a high intensity diode , molded in a water clear plastic package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IR908-7C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  IR908-7C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR908-7C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 5 of 7
Device No:DIR-090-106
Prepared date:2004/7/19
Prepared by: Jay chou
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
020
10
0
10
10
0
10
1
10
23
10
4
10
100
1000
IF-Forward Current (mA)
25
0
5
50
75
100
120
IF
=20mA
10
15
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
IR908-7C
Typical Electro-Optical Characteristics Curves
Fig.5 Relative Intensity vs.
Fig.6 Relative Radiant Intensity vs.
Forward Current
Angular Displacement
Fig.7 Relative Intensity vs.
Fig.8 Forward Current vs.
Ambient Temperature(°C)
Ambient Temperature(°C)


Similar Part No. - IR908-7C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR908-7C EVERLIGHT-IR908-7C Datasheet
214Kb / 6P
   Opto Interrupter
IR908-7C EVERLIGHT-IR908-7C Datasheet
651Kb / 8P
   Opto Interrupter
IR908-7C EVERLIGHT-IR908-7C Datasheet
276Kb / 6P
   OPTICAL SENSORS
IR908-7C-F EVERLIGHT-IR908-7C-F Datasheet
193Kb / 7P
   1.5mm Side Face Infrared LED
IR908-7C-F EVERLIGHT-IR908-7C-F Datasheet
339Kb / 7P
   Opto Interrupter
More results

Similar Description - IR908-7C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IR928-6C ETC-IR928-6C Datasheet
188Kb / 7P
   EVERLIGHTs Infrared Emitting Diode IR928-6C is a high intensity diode , molded in a water clear plastic package.
logo
OPTEK Technologies
OP270 OPTEK-OP270 Datasheet
339Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
OP280 OPTEK-OP280 Datasheet
261Kb / 3P
   Infrared Light Emitting Diode in SMT Plastic Package
logo
TT Electronics.
OP270 TTELEC-OP270 Datasheet
298Kb / 3P
   Infrared Light Emitting Diode in SMD Plastic Package
logo
List of Unclassifed Man...
OED-EL-1L2 ETC1-OED-EL-1L2 Datasheet
55Kb / 1P
   t-5mm, 940nm INFRARED EMITTING DIODE, WATER CLEAR LENS
logo
NTE Electronics
NTE3002 NTE-NTE3002 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, Yellow
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com