Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSM12E Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # GSM12E
Description  12W AC-DC Reliable Green Medical Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM12E Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  GSM12E Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM12E Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM12E Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GSM12E Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. GSM12E Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
File Name:GSM12E-SPEC 2018-09-28
GSM12E series
12W AC-DC Reliable Green Medical Adaptor
◎ Optional DC plug:
P2I
P2J
P2L
P2M
5.5
5.5
5.5
5.5
2.1
2.1
2.5
2.5
P1IR
P1JR
P1LR
P1MR
5.5
5.5
5.5
5.5
2.1
2.1
2.5
2.5
9.5
9.5
P2IR
P2JR
P2LR
P2MR
5.5
5.5
5.5
5.5
2.1
2.1
2.5
2.5
5.53
5.53
5.53
5.53
2.03
2.54
2.03
2.54
12.06
12.06
9.52
9.52
Type No.
A
B
C
OD
ID
L
P1I
P1L
P1M
5.5
5.5
5.5
2.1
2.5
2.5
9.5
9.5
Type No.
A
B
C
OD
ID
L
Type No.
A
B
C
OD
ID
L
Type No.
P3C
0.7
11.0
2.35
A
B
C
OD
ID
L
1.7
11.0
4.0
1.7
11.0
4.75
P3A
P3B
11.0
11.0
11.0
9.5
9.5
9.5
11.0
9.5
11.0
11.0
11.0
P2S(S761K)
P2K(761K)
P2C(S760K)
P2D(760K)
Tuning Fork Style
Barrel Style
Lock Style
Min. Pin Style
B
A
A
B
C
(Straight)
C
(Right-angled)
C
(Straight)
C
(Right-angled)
A
B
C
Locking
C
B
A
SWITCHCRAFT original or equivalent
EIAJ equivalent
Inside
Outside
DC output plug
◎ Standard plug: P1J
P1J
2.1
5.5
Pin Assignment
C"+"
11 0.5mm
±
Unit:mm


Similar Part No. - GSM12E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
GSM120B MEANWELL-GSM120B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B12-R7B MEANWELL-GSM120B12-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B15-R7B MEANWELL-GSM120B15-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B20-R7B MEANWELL-GSM120B20-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
More results

Similar Description - GSM12E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM12U MEANWELL-GSM12U Datasheet
488Kb / 5P
   12W AC-DC Reliable Green Medical Adaptor
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
GSM160A MEANWELL-GSM160A Datasheet
760Kb / 5P
   160W AC-DC Reliable Green Medical Adaptor
GSM06U MEANWELL-GSM06U Datasheet
475Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
GSM40B MEANWELL-GSM40B Datasheet
871Kb / 5P
   40W AC-DC Reliable Green Medical Adaptor
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
GSM220A MEANWELL-GSM220A Datasheet
770Kb / 5P
   220W AC-DC Reliable Green Medical Adaptor
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
   90W AC-DC Reliable Green Medical Adaptor
GEM40I MEANWELL-GEM40I Datasheet
523Kb / 5P
   40W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com